Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLJF3118NTBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTLJF3118NTBG
Description  Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJF3118NTBG Datasheet(HTML) 6 Page - ON Semiconductor

  NTLJF3118NTBG Datasheet HTML 1Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 2Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 3Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 4Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 5Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 6Page - ON Semiconductor NTLJF3118NTBG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTLJF3118N
http://onsemi.com
6
TYPICAL SCHOTTKY PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 11. Typical Forward Voltage
Figure 12. Maximum Forward Voltage
Figure 13. Typical Reverse Current
Figure 14. Maximum Reverse Current
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
10
1.0
0.1
0
VR, REVERSE VOLTAGE (V)
0.6
0.8
10
20
0.1
0.2
0.4
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = −55°C
10E−6
100E−6
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0E−3
10E−3
1.0E+0
1.0
0.7
0.3
0.5
VF, MAXIMUM FORWARD VOLTAGE (V)
10
1.0
0.1
0.6
0.8
0.1
0.2
0.4
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0
0.7
0.3
0.5
100E−3
0
VR, REVERSE VOLTAGE (V)
10
20
10E−6
100E−6
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0E−3
10E−3
1.0E+0
100E−3
0.9
0.9


Similar Part No. - NTLJF3118NTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Similar Description - NTLJF3118NTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
   Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
   POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NTMD4184PF ONSEMI-NTMD4184PF Datasheet
103Kb / 7P
   Power MOSFET and Schottky Diode -30 V, -4.0 A, Single P-Channel with 20 V, 2.2 A, Schottky Barrier Diode
March, 2008 - Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
   Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com