Part Name
         Description
NTLJF3118N

 Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package ( 7 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 6 page
background image
NTLJF3118N
http://onsemi.com
6
TYPICAL SCHOTTKY PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 11. Typical Forward Voltage
Figure 12. Maximum Forward Voltage
Figure 13. Typical Reverse Current
Figure 14. Maximum Reverse Current
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
10
1.0
0.1
0
VR, REVERSE VOLTAGE (V)
0.6
0.8
10
20
0.1
0.2
0.4
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = −55°C
10E−6
100E−6
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0E−3
10E−3
1.0E+0
1.0
0.7
0.3
0.5
VF, MAXIMUM FORWARD VOLTAGE (V)
10
1.0
0.1
0.6
0.8
0.1
0.2
0.4
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0
0.7
0.3
0.5
100E−3
0
VR, REVERSE VOLTAGE (V)
10
20
10E−6
100E−6
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0E−3
10E−3
1.0E+0
100E−3
0.9
0.9



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTLJF3117PPower MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package 1 2 3 4 5 MoreON Semiconductor
NTLJD2105LPOWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1 2 3 4 5 MoreON Semiconductor
NTLJD3119CPower MOSFET 20 V/−20 V 4.6 A/−4.1 A uCool Complementary 2x2 mm WDFN Package 1 2 3 4 5 MoreON Semiconductor
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
MC74HC4316AQuad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
LM95234Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology 1 2 3 4 5 National Semiconductor
NILMS4501NPower MOSFET with Current Mirror FET 1 2 3 4 5 MoreON Semiconductor
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl