Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4813NHT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD4813NHT4G
Description  Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4813NHT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD4813NHT4G Datasheet HTML 1Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 2Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 3Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 4Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 5Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 6Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 7Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 0
1
Publication Order Number:
NTD4813NH/D
NTD4813NH
Power MOSFET
30 V, 40 A, Single N−Channel, DPAK/IPAK
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
Low RG
These are Pb−Free Devices
Applications
CPU Power Delivery
DC−DC Converters
High Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
9.0
A
TA = 85°C
7.0
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
1.94
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
7.6
A
TA = 85°C
5.9
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
1.27
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
40
A
TC = 85°C
31
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
35.3
W
Pulsed Drain
Current
tp=10ms
TA = 25°C
IDM
90
A
Current Limited by Package
TA = 25°C
IDmaxPkg
35
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+175
°C
Source Current (Body Diode)
IS
29
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 24 V, VGS = 10 V,
IL = 17.2 Apk, L = 0.3 mH, RG = 25 W)
EAS
44.4
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
MARKING DIAGRAMS
& PIN ASSIGNMENTS
http://onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
13 m
W @ 10 V
40 A
25.9 m
W @ 4.5 V
G
S
N−CHANNEL MOSFET
D
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
Y
= Year
WW
= Work Week
4813NH = Device Code
G
= Pb−Free Package
DPAK
CASE 369C
(Bent Lead)
STYLE 2
IPAK
CASE 369D
(Straight Lead
DPAK)
1 2
3
4
1
2
3
4
3 IPAK
CASE 369AC
(Straight Lead)
1
2
3
4


Similar Part No. - NTD4813NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4813NHT4G ONSEMI-NTD4813NHT4G Datasheet
117Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
More results

Similar Description - NTD4813NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NVD5807NT4G ONSEMI-NVD5807NT4G Datasheet
81Kb / 7P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 5
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com