Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7328BRUZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7328BRUZ-REEL
Description  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328BRUZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7328BRUZ-REEL Datasheet HTML 1Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 2Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 3Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD7328
Rev. A | Page 4 of 36
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Offset Error2, 5
−4/+9
LSB
Single-ended/pseudo differential mode
−7/+10
LSB
Differential mode
Offset Error Match2, 5
±0.6
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Gain Error2, 5
±8
LSB
Single-ended/pseudo differential mode
±14
LSB
Differential mode
Gain Error Match2, 5
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Positive Full-Scale Error2, 6
±4
LSB
Single-ended/pseudo differential mode
±7
LSB
Differential mode
Positive Full-Scale Error Match2, 6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Bipolar Zero Error2, 6
±8.5
LSB
Single-ended/pseudo differential mode
±7.5
LSB
Differential mode
Bipolar Zero Error Match2, 6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Negative Full-Scale Error2, 6
±4
LSB
Single-ended/pseudo differential mode
±6
LSB
Differential mode
Negative Full-Scale Error Match2, 6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
ANALOG INPUT
Input Voltage Ranges
Reference = 2.5 V; see Table 6
(Programmed via Range
Register)
±10
V
VDD = 10 V min, VSS = −10 V min, VCC = 2.7 V to 5.25 V
±5
V
VDD = 5 V min, VSS = −5 V min, VCC = 2.7 V to 5.25 V
±2.5
V
VDD = 5 V min, VSS = − 5 V min, VCC = 2.7 V to 5.25 V
0 to 10
V
VDD = 10 V min, VSS = AGND min, VCC = 2.7 V to 5.25 V
Pseudo Differential VIN(−)
Input Range
VDD = 16.5 V, VSS = −16.5 V, VCC = 5 V; see Figure 40 and
Figure 41
±3.5
V
Reference = 2.5 V; range = ±10 V
±6
V
Reference = 2.5 V; range = ±5 V
±5
V
Reference = 2.5 V; range = ±2.5 V
+3/−5
V
Reference = 2.5 V; range = 0 V to +10 V
DC Leakage Current
±200
nA
VIN = VDD or VSS
Input Capacitance3
13.5
pF
When in track, ±10 V range
16.5
pF
When in track, ±5 V and 0 V to +10 V ranges
21.5
pF
When in track, ±2.5 V range
3
pF
When in hold, all ranges
REFERENCE INPUT/OUTPUT
Input Voltage Range
2.5
3
V
Input DC Leakage Current
±1
μA
Input Capacitance
10
pF
Reference Output Voltage
2.5
V
Long Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis2
50
ppm
Reference Output Voltage Error
@ 25°C
±5
mV
Reference Output Voltage
TMIN to TMAX
±10
mV
Reference Temperature
Coefficient
25
ppm/°C
6
ppm/°C
Reference Output Impedance
7
Ω


Similar Part No. - AD7328BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328BRUZ-REEL AD-AD7328BRUZ-REEL Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328BRUZ-REEL7 AD-AD7328BRUZ-REEL7 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

Similar Description - AD7328BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com