Part Name
         Description
AD5764R

 Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC ( 32 Page)


AD
100% 
Zoom Out Zoom In
 
 5 page
background image
AD5764R
Rev. PrA | Page 5 of 32
Parameter
A Grade2
B Grade2
C Grade2
Unit
Test Conditions/Comments
DIGITAL INPUTS3
DVCC = 2.7 V to 5.25 V, JEDEC
compliant
VIH, Input High Voltage
2
2
2
V min
VIL, Input Low Voltage
0.8
0.8
0.8
V max
Input Current
±1
±1
±1
μA max
Per pin
Pin Capacitance
10
10
10
pF max
Per pin
DIGITAL OUTPUTS (D0, D1, SDO)3
Output Low Voltage
0.4
0.4
0.4
V max
DVCC = 5 V ± 5%, sinking 200 μA
Output High Voltage
DVCC − 1
DVCC − 1
DVCC − 1
V min
DVCC = 5 V ± 5%, sourcing 200 μA
Output Low Voltage
0.4
0.4
0.4
V max
DVCC = 2.7 V to 3.6 V,
sinking 200 μA
Output High Voltage
DVCC − 0.5
DVCC − 0.5
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V,
sourcing 200 μA
High Impedance Leakage
Current
±1
±1
±1
μA max
SDO only
High Impedance Output
Capacitance
5
5
5
pF typ
SDO only
DIE TEMPERATURE SENSOR3
Output Voltage at 25°C
1.4
1.4
1.4
V typ
Die temperature
Output Voltage Scale Factor
5
5
5
mV/°C typ
Output Voltage Range
1.175/1.9
1.175/1.9
1.175/1.9
V min/V max
−40°C to 105°C
Output Load Current
200
200
200
μA max
Current source only
Power-On Time
80
80
80
ms typ
POWER REQUIREMENTS
AVDD/AVSS
11.4/16.5
11.4/16.5
11.4/16.5
V min/V max
DVCC
2.7/5.25
2.7/5.25
2.7/5.25
V min/V max
Power Supply Sensitivity3
∆VOUT/∆ΑVDD
−85
−85
−85
dB typ
AIDD
3.5
3.5
3.5
mA/channel max
Outputs unloaded
AISS
2.75
2.75
2.75
mA/channel max
Outputs unloaded
DICC
1.2
1.2
1.2
mA max
VIH = DVCC, VIL = DGND, 750 μA typ
Power Dissipation
275
275
275
mW typ
±12 V operation output unloaded
2 Temperature range: −40°C to +85°C; typical at +25°C. Device functionality is guaranteed to +105°C with degraded performance.
3 Guaranteed by design and characterization; not production tested.
4 Output amplifier headroom requirement is 1.4 V minimum.
Preliminary Technical Data



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD538440-Channel 3 V/5 V Single-Supply Serial 14-Bit Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
H11G1XHIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
AD537040-Channel 16-Bit Serial Input Voltage-Output DACs 1 2 3 4 5 MoreAnalog Devices
AD536016-Channel 16/14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
AD53628-Channel 16/14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
AD537140-Channel 14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5666Quad 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP 1 2 3 4 5 MoreAnalog Devices
NB4N4413.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output 1 2 3 4 5 MoreON Semiconductor
IS725HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl