Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP106 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP106
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP106 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP106 Datasheet HTML 1Page - NXP Semiconductors BSP106 Datasheet HTML 2Page - NXP Semiconductors BSP106 Datasheet HTML 3Page - NXP Semiconductors BSP106 Datasheet HTML 4Page - NXP Semiconductors BSP106 Datasheet HTML 5Page - NXP Semiconductors BSP106 Datasheet HTML 6Page - NXP Semiconductors BSP106 Datasheet HTML 7Page - NXP Semiconductors BSP106 Datasheet HTML 8Page - NXP Semiconductors BSP106 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP106
Fig.2 Switching time test circuit.
handbook, halfpage
MBB691
50
VDD = 50 V
ID
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT
Fig.4 Power derating curve.
handbook,
0
50
100
200
2
0
1.6
150
1.2
0.8
0.4
MBB693
Ptot
(W)
Tamb (°C)
Fig.5 Typical output characteristics; Tj = 25 °C.
handbook, halfpage
04
8
VDS (V)
ID
(A)
16
1.6
1.2
0.4
0
0.8
12
MDA718
VGS = 10 V
5 V
4 V
3 V


Similar Part No. - BSP106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
Nexperia B.V. All right...
BSP100 NEXPERIA-BSP100 Datasheet
208Kb / 9P
   N-channel enhancement mode TrenchMOSÔ transistor
February 1999
logo
NXP Semiconductors
BSP107 PHILIPS-BSP107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
CIT Relay & Switch
BSP10FA5 CIT-BSP10FA5 Datasheet
244Kb / 5P
   CIT SWITCH
More results

Similar Description - BSP106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
   N-Channel Enhancement Mode Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
   N-channel enhancement mode vertical D-MOS transistor
2001 May 18
logo
NXP Semiconductors
BS107A PHILIPS-BS107A Datasheet
49Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP107 PHILIPS-BSP107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP121 PHILIPS-BSP121 Datasheet
75Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com