Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT-C514RD Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BT-C514RD
Description  THREE DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BT-C514RD Datasheet(HTML) 1 Page - Yellow Stone Corp

  BT-C514RD Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BT-A531RD
BT-C531RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.0
BT-A535RD
BT-C535RD
BT-A535RE
BT-C535RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BT-A532RD
BT-C532RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-A533RD
BT-C533RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-A534RD
BT-C534RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-A536RD
BT-C536RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
0.52"
Three-Digit
BT-A53DRD
BT-C53DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
8.0
TD-07
BT-A511RD
BT-C511RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-A515RD
BT-C515RD
BT-A515RE
BT-C515RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-A512RD
BT-C512RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-A513RD
BT-C513RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-A514RD
BT-C514RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-A516RD
BT-C516RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.56"
Three-Digit
BT-A51DRD
BT-C51DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-08
TD-07
BT- A
C53xRD
TD-08
BT- A
C51xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
3,26
19
18
25 24 4 2 1 27 28 5
A BCD E F G DP
D1
D2
D3
AB
21 20
D
C
8 7
22
G
F
E
23
6
DP
9
A
16
17
F
C
B
15 13
D
11 10
DP
G
12 14
E
8.00(.315)
E0.50(.020)
2.54x13=33.02(1.300)
3.00(.118)MIN
BT-A51xRD
A
B
C
D
E
F
G
DP
D1
D2
D3
+
PIN 1.
E1.7(.067)
18.90(.744)
14.20(.560)
37.50(1.476)
8.10(.319)
8B
15.24(.600)
A
B
C
D
E
F G
DP
D1
3,28
8,23
13,18
27 26 4 2 1 29 30 5
A BCD E F G DP
D1
D2
D3
D2
D3
AB
22 21
D
C
9 7
25
G
F
E
24
6
DP
10
A
17
19
F
C
B
16 14
D
12 11
DP
G
20 15
E
7.6(.299)
12.7x2=25.4(1.00)
37.7(1.484)
13.20(.520)
17.40(.685)
15.10(.594)
8.9(.350)
3.00(.118)MIN.
2.5x14=35.0(1.38)
E0.50(.020)
E1.6(.063)
PIN.1
8B
+
BT-A53xRD
0.9(.035)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BT-C514RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-C512RD BRIGHT-BT-C512RD Datasheet
276Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C51DRD BRIGHT-BT-C51DRD Datasheet
192Kb / 3P
   14.20mm(0.56) high three digit seven segments display
More results

Similar Description - BT-C514RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
BT-M301RD YSTONE-BT-M301RD Datasheet
124Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BT-M341RD ETC-BT-M341RD Datasheet
124Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
   INCH THREE DIGIT Numeric displays
logo
Micro Electronics
MU356 MICRO-ELECTRONICS-MU356 Datasheet
70Kb / 2P
   0.56 THREE DIGIT NUMBERIC DISPLAYS
MG336A MICRO-ELECTRONICS-MG336A Datasheet
70Kb / 2P
   0.36 THREE DIGIT NUMBERIC DISPLAYS
MS356A MICRO-ELECTRONICS-MS356A Datasheet
81Kb / 2P
   0.56 THREE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com