Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E7316FSC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86E7316FSC
Description  OTP IR MICROCONTROLLERS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E7316FSC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86E7316FSC Datasheet HTML 6Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 7Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 8Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 9Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 10Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 11Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 12Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 13Page - Zilog, Inc. Z86E7316FSC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
1-10
P R E L I M I N A R Y
DS96LVO1100
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for an extended period
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 13).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
Symbol
Description
Min
Max
Units
VCC
Supply Voltage (*)
–0.3
+7.0
V
TSTG
Storage Temp.
–65
° +150°
C
TA
Oper. Ambient Temp.
C
Notes:
* Voltage on all pins with respect to GND.
† See Ordering Information.
Figure 9. Test Load Diagram
From Output
Under Test
150 pF
I
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF


Similar Part No. - Z86E7316FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
Z86E733 ZILOG-Z86E733 Datasheet
33Kb / 10P
   PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
More results

Similar Description - Z86E7316FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com