Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJS4405N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJS4405N
Description  Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4405N Datasheet(HTML) 2 Page - ON Semiconductor

  NTJS4405N Datasheet HTML 1Page - ON Semiconductor NTJS4405N Datasheet HTML 2Page - ON Semiconductor NTJS4405N Datasheet HTML 3Page - ON Semiconductor NTJS4405N Datasheet HTML 4Page - ON Semiconductor NTJS4405N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTJS4405N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
30
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 8.0 V
100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.65
1.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
−2.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 0.6 A
249
350
mW
VGS = 2.7 V, ID = 0.2 A
299
400
VGS = 4.5 V, ID = 1.2 A
260
Forward Transconductance
gFS
VDS = 5.0 V, ID = 0.5 A
0.5
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
49
60
pF
Output Capacitance
COSS
22.4
30
Reverse Transfer Capacitance
CRSS
8.0
12
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 5.0 V,
ID = 0.95 A
0.75
1.5
nC
Threshold Gate Charge
QG(TH)
0.10
Gate−to−Source Charge
QGS
0.30
0.50
Gate−to−Drain Charge
QGD
0.20
0.40
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 6.0 V,
ID = 0.5 A, RG = 50 W
6.0
12
ns
Rise Time
tr
4.7
8.0
Turn−Off Delay Time
td(OFF)
25
35
Fall Time
tf
41
60
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 0.6 A
TJ = 25°C
0.82
1.20
V
2. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTJS4405N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS4405N ONSEMI-NTJS4405N Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJS4405NT1G ONSEMI-NTJS4405NT1G Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTJS4405NT1G VBSEMI-NTJS4405NT1G Datasheet
1,007Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
ON Semiconductor
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
More results

Similar Description - NTJS4405N

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
logo
First Silicon Co., Ltd
FTK4409 FS-FTK4409 Datasheet
436Kb / 4P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
NVA4153N ONSEMI-NVA4153N Datasheet
81Kb / 6P
   Single N?묬hannel Small Signal MOSFET
June, 2014 ??Rev. 0
NTJS3157N ONSEMI-NTJS3157N Datasheet
139Kb / 6P
   Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8
February, 2006 ??Rev. 2
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com