Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL204 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL204
Description  Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL204 Datasheet(HTML) 4 Page - Analog Devices

  ADXL204 Datasheet HTML 1Page - Analog Devices ADXL204 Datasheet HTML 2Page - Analog Devices ADXL204 Datasheet HTML 3Page - Analog Devices ADXL204 Datasheet HTML 4Page - Analog Devices ADXL204 Datasheet HTML 5Page - Analog Devices ADXL204 Datasheet HTML 6Page - Analog Devices ADXL204 Datasheet HTML 7Page - Analog Devices ADXL204 Datasheet HTML 8Page - Analog Devices ADXL204 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADXL204
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
3500 g
Acceleration (Any Axis, Powered)
3500 g
Drop Test (Concrete Surface)
1.2 m
VS
−0.3 V to +7.0 V
All Other Pins
(COM − 0.3 V) to
(VS + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Temperature Range (Powered)
−55°C to +125°C
Temperature Range (Storage)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
8-Terminal LCC
120°C/W
20°C/W
<1.0 gram
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4.
Condition
Profile Feature
Sn63/Pb37
Pb-Free
AVERAGE RAMP RATE (TL TO TP)
3°C/sec maximum
3°C/sec maximum
PREHEAT
Minimum Temperature (TSMIN)
100°C
150°C
Minimum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to 120 sec
60 sec to 150 sec
TSMAX TO TL
Ramp-Up Rate
3°C/sec
3°C/sec
TIME MAINTAINED ABOVE LIQUIDOUS (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to 150 sec
60 sec to 150 sec
PEAK TEMPERATURE (TP)
240°C +0°C/–5°C
260°C +0°C/–5°C
TIME WITHIN 5°C OF ACTUAL PEAK TEMPERATURE (tP)
10 sec to 30 sec
20 sec to 40 sec
RAMP-DOWN RATE
6°C/sec maximum
6°C/sec maximum
TIME 25°C TO PEAK TEMPERATURE
6 minutes maximum
8 minutes maximum
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Similar Description - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com