Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD22282-A-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD22282-A-R2
Description  Single-Axis, High-g, iMEMS Accelerometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22282-A-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD22282-A-R2 Datasheet HTML 1Page - Analog Devices AD22282-A-R2 Datasheet HTML 2Page - Analog Devices AD22282-A-R2 Datasheet HTML 3Page - Analog Devices AD22282-A-R2 Datasheet HTML 4Page - Analog Devices AD22282-A-R2 Datasheet HTML 5Page - Analog Devices AD22282-A-R2 Datasheet HTML 6Page - Analog Devices AD22282-A-R2 Datasheet HTML 7Page - Analog Devices AD22282-A-R2 Datasheet HTML 8Page - Analog Devices AD22282-A-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXL193
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
1
NC
2
COM
3
VDD
7
XOUT
6
NC
5
ST
TOP VIEW
(Not to Scale)
ADXL193
4
VDD2
8
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Do Not Connect
2
NC
Do Not Connect
3
COM
Common
4
ST
Self-Test
5
NC
Do Not Connect
6
XOUT
X Channel Output
7
VDD
3.5 V to 6 V
8
VDD2
3.5 V to 6 V


Similar Part No. - AD22282-A-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280 AD-AD22280 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22281 AD-AD22281 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
More results

Similar Description - AD22282-A-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com