Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7344 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7344
Description  Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7344 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7344 Datasheet HTML 25Page - Analog Devices ADV7344 Datasheet HTML 26Page - Analog Devices ADV7344 Datasheet HTML 27Page - Analog Devices ADV7344 Datasheet HTML 28Page - Analog Devices ADV7344 Datasheet HTML 29Page - Analog Devices ADV7344 Datasheet HTML 30Page - Analog Devices ADV7344 Datasheet HTML 31Page - Analog Devices ADV7344 Datasheet HTML 32Page - Analog Devices ADV7344 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
ADV7344
Rev. 0 | Page 29 of 88
Table 16. Register 0x0A to Register 0x10
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
0
0
1
1
1
1
1
1
+7.382%
Positive Gain to
DAC Output Voltage.
0
1
0
0
0
0
0
0
+7.5%
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
0x0A
DAC 4, DAC 5, DAC 6
Output Levels
Negative Gain to
DAC Output Voltage.
1
1
1
1
1
1
1
1
−0.018%
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
0
0
1
1
1
1
1
1
+7.382%
Positive Gain to
DAC Output Voltage.
0
1
0
0
0
0
0
0
+7.5%
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
0x0B
DAC 1, DAC 2, DAC 3
Output Levels
Negative Gain to
DAC Output Voltage.
1
1
1
1
1
1
1
1
−0.018%
0
DAC 1 low power disabled
0x00
DAC 1 Low Power Enable.
1
DAC 1 low power enabled
0
DAC 2 low power disabled
DAC 2 Low Power Enable.
1
DAC 2 low power enabled
0
DAC 3 low power disabled
DAC 3 Low Power Enable.
1
DAC 3 low power enabled
0x0D
DAC Power Mode
Reserved.
0
0
0
0
0
0
Cable detected on DAC 1
0x00
DAC 1 Cable Detect
(Read Only).
1
DAC 1 unconnected
0
Cable detected on DAC 2
DAC 2 Cable Detect
(Read Only).
1
DAC 2 unconnected
Reserved.
0
0
0
DAC auto power-down
disable
Unconnected DAC
Auto Power-Down.
1
DAC auto power-down
enable
0x10
Cable Detection
Reserved.
0
0
0


Similar Part No. - ADV7344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
More results

Similar Description - ADV7344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7340 AD-ADV7340 Datasheet
1Mb / 88P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
REV. 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com