Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4299D1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV4299D1G
Description  150 mA Low?묭ropout Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4299D1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV4299D1G Datasheet HTML 5Page - ON Semiconductor NCV4299D1G Datasheet HTML 6Page - ON Semiconductor NCV4299D1G Datasheet HTML 7Page - ON Semiconductor NCV4299D1G Datasheet HTML 8Page - ON Semiconductor NCV4299D1G Datasheet HTML 9Page - ON Semiconductor NCV4299D1G Datasheet HTML 10Page - ON Semiconductor NCV4299D1G Datasheet HTML 11Page - ON Semiconductor NCV4299D1G Datasheet HTML 12Page - ON Semiconductor NCV4299D1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCV4299
http://onsemi.com
9
Figure 16. Current Consumption Iq vs. Input
Voltage VI
Figure 17. Current Consumption Iq vs. Input
Voltage VI
Figure 18. Stability vs. Output Capacitor ESR
90
70
65
60
618
INPUT VOLTAGE VI, V
80
816
20
14
75
85
12
22
IQ 100
mA
24
10
26
6
2
1
0
618
INPUT VOLTAGE VI, V
4
816
20
14
3
5
12
22
24
10
26
0
80
OUTPUT CURRENT, mA
5
60
100
40
20
120
45
160
0
140
10
15
20
25
30
35
40
IQ 10mA
IQ 50mA
IQ 100mA
Unstable
Region
Stable
Region
1
mF to 100 mF
0.1
mF
Unstable Region
0.1
mF Only
VI = 13.5V
TA = 25°C


Similar Part No. - NCV4299D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299 ONSEMI-NCV4299 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4299A ONSEMI-NCV4299A Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCV4299CD133R2G ONSEMI-NCV4299CD133R2G Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
More results

Similar Description - NCV4299D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP500 ONSEMI-NCP500_06 Datasheet
142Kb / 20P
   150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com