Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1124DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV1124DG
Description  Dual Variable?뭃eluctance Sensor Interface IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1124DG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV1124DG Datasheet HTML 1Page - ON Semiconductor NCV1124DG Datasheet HTML 2Page - ON Semiconductor NCV1124DG Datasheet HTML 3Page - ON Semiconductor NCV1124DG Datasheet HTML 4Page - ON Semiconductor NCV1124DG Datasheet HTML 5Page - ON Semiconductor NCV1124DG Datasheet HTML 6Page - ON Semiconductor NCV1124DG Datasheet HTML 7Page - ON Semiconductor NCV1124DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCV1124
http://onsemi.com
3
PACKAGE PIN DESCRIPTION
PIN #
SO−8
PIN SYMBOL
FUNCTION
1
INAdj
External resistor to ground that sets the trip levels of both channels. Functions for both diagnostic
and normal mode
2
IN1
Input to channel 1
3
IN2
Input to channel 2
4
GND
Ground
5
DIAG
Diagnostic mode switch. Normal mode is low
6
OUT2
Output of channel 2
7
OUT1
Output of channel 1
8
VCC
Positive 5.0 volt supply input
ORDERING INFORMATION
Device
Package
Shipping
NCV1124DG
SO−8 NB
(Pb−Free)
98 Units / Rail
NCV1124DR2G
SO−8 NB
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
OUT1
To
mP
VCC
VCC
VCC
VCC
VCC
INP1
INAdj
DIAG
IN1
C1
R1
RRS
VRS Variable
Reluctance
Sensor
+
COMP1
Active
Clamp
RAdj
GND
Figure 2. Application Diagram


Similar Part No. - NCV1124DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117 ONSEMI-NCV1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCV1117 ONSEMI-NCV1117 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117 ONSEMI-NCV1117 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV1117 ONSEMI-NCV1117 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCV1117DT15RK ONSEMI-NCV1117DT15RK Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results

Similar Description - NCV1124DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
NCV7001 ONSEMI-NCV7001_05 Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
   DUAL SENSOR INTERFACE
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
logo
Toshiba Semiconductor
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
   PICK UP SENSOR INTERFACE IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com