Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS6415DWR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS6415DWR2G
Description  Bus?묬ontrolled Video Matrix Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS6415DWR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCS6415DWR2G Datasheet HTML 1Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 2Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 3Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 4Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 5Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 6Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 7Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 8Page - ON Semiconductor NCS6415DWR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCS6415
http://onsemi.com
2
Figure 1. Block Diagram
1
3
5
6
8
10
11
20
18
17
16
15
14
13
12
27
4
9
19
Bus Decoder
INPUT1
INPUT2
INPUT3
INPUT4
INPUT5
INPUT6
INPUT7
INPUT8
GND
GND
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT5
OUTPUT6
CLOCK
PROG
DATA
VCC
The main function of the NCS6415 is to switch 8 video
input sources to the 6 outputs.
Each output can be switched to only one of the inputs,
whereas any single input may be connected to several
outputs. The lowest level of each signal is aligned on each
input (bottom of sync pulse for CVBS or Black Level for
RGB signals).
The nominal gain between any input and output is 6 dB.
For Chroma signals, the alignment is switched off by
forcing, with an external 5‘ VDC resistor bridge on the input.
Each input can be used as a normal input or as a Chroma
input (with external resistor bridge). All the switching
possibilities are changed through the I2C bus.
The switches configuration is defined by words of 16 bits:
one word of 16 bits for each output channel.
So, 6 words of 16 bits are necessary to determine the
starting configuration upon power−on (power supply: 0 to
10 V). But a new configuration needs only the words of the
changed output channels. Driving a 75
W load requires an
external transistor.


Similar Part No. - NCS6415DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
NCS6416DWG ONSEMI-NCS6416DWG Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
NCS6416DWR2G ONSEMI-NCS6416DWR2G Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
More results

Similar Description - NCS6415DWR2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
   I짼C bus-controlled video matrix switch
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com