Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1124 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV1124
Description  Dual Variable?뭃eluctance Sensor Interface IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1124 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV1124 Datasheet HTML 1Page - ON Semiconductor NCV1124 Datasheet HTML 2Page - ON Semiconductor NCV1124 Datasheet HTML 3Page - ON Semiconductor NCV1124 Datasheet HTML 4Page - ON Semiconductor NCV1124 Datasheet HTML 5Page - ON Semiconductor NCV1124 Datasheet HTML 6Page - ON Semiconductor NCV1124 Datasheet HTML 7Page - ON Semiconductor NCV1124 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCV1124
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range
−65 to 150
°C
Ambient Operating Temperature
−40 to 125
°C
Supply Voltage Range (continuous)
−0.3 to 7.0
V
Input Voltage Range (at any input, R1 = R2 = 22 k)
−250 to 250
V
Maximum Junction Temperature
150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
240 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183
°C.
ELECTRICAL CHARACTERISTICS (4.5 V < VCC < 5.5 V, −40°C < TA < 125°C, VDIAG = 0; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCC SUPPLY
Operating Current Supply
VCC = 5.0 V
5.0
mA
Sensor Inputs
Input Threshold − Positive
VDIAG = Low
VDIAG = High
135
135
160
160
185
185
mV
mV
Input Threshold − Negative
VDIAG = Low
VDIAG = High
−185
135
−160
160
−135
185
mV
mV
Input Bias Current (INP1, INP2)
VIN = 0.336 V
−16
−11
−6.0
mA
Input Bias Current (DIAG)
VDIAG = 0 V
1.0
mA
Input Bias Current Factor (KI)
(INAdj = INP × KI)
VIN = 0.336 V, VDIAG = Low
VIN = 0.336 V, VDIAG = High
152
100
155
157
%INP
%INP
Bias Current Matching
INP1 or INP2 to INAdj, VIN = 0.336 V
−1.0
0
1.0
mA
Input Clamp − Negative
IIN = −50 mA
IIN = −12 mA
−0.5
−0.5
−0.25
−0.30
0
0
V
V
Input Clamp − Positive
IIN = +12 mA
5.0
7.0
9.8
V
Output Low Voltage
IOUT = 1.6 mA
0.2
0.4
V
Output High Voltage
IOUT = −1.6 mA
VCC − 0.5
VCC − 0.2
V
Mode Change Time Delay
0
20
ms
Input to Output Delay
IOUT = 1.0 mA
1.0
20
ms
Output Rise Time
CLOAD = 30 pF
0.5
2.0
ms
Output Fall Time
CLOAD = 30 pF
0.05
2.0
ms
Open−Sensor Positive Threshold
VDIAG = High, RIN(Adj) = 40 k. Note 2
29.4
54
86.9
k
W
Logic Inputs
DIAG Input Low Threshold
0.2
× VCC
V
DIAG Input High Threshold
0.7
× VCC
V
DIAG Input Resistance
VIN = 0.3 × VCC , VCC = 5.0 V
VIN = VCC, VCC = 5.0 V
8.0
8.0
22
22
70
70
k
W
k
W
2. This parameter is guaranteed by design, but not parametrically tested in production.


Similar Part No. - NCV1124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117 ONSEMI-NCV1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCV1117 ONSEMI-NCV1117 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117 ONSEMI-NCV1117 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV1117 ONSEMI-NCV1117 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCV1117DT15RK ONSEMI-NCV1117DT15RK Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results

Similar Description - NCV1124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
NCV7001 ONSEMI-NCV7001_05 Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
   DUAL SENSOR INTERFACE
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
logo
Toshiba Semiconductor
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
   PICK UP SENSOR INTERFACE IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com