Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2501SQT2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS2501SQT2
Description  1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2501SQT2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS2501SQT2 Datasheet HTML 6Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 7Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 8Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 9Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 10Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 11Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 12Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 13Page - ON Semiconductor NCS2501SQT2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCS2501
http://onsemi.com
10
Figure 17. Differential Phase
Figure 18. Supply Current vs. Power Supply
vs. Temperature (Enabled)
Figure 19. Supply Current vs. Power Supply
vs. Temperature (Disabled)
Figure 20. Output Voltage Swing vs. Supply
Voltage
Figure 21. Output Voltage Swing vs. Load
Resistance
1.4
1.3
1.1
1
0.9
0.8
0.6
47
9
11
Power Supply Voltage (V)
1.2
0.7
56
8
10
85
°C
25
°C
−40
°C
Figure 22. Output Impedance vs. Frequency
.14
.12
.08
.06
.04
.02
0
47
9
11
Power Supply Voltage (V)
.1
56
8
10
85
°C
25
°C
−40
°C
0.06
0.04
0.02
0
−0.02
−0.06
−0.8
−0.2
0.4
0.8
OFFSET VOLTAGE (V)
−0.04
−0.6
−0.4
0
0.6
0.2
4.43MHz
10MHz
20MHz
3.58MHz
VS = ±5V
RL = 150W
7
6
4
3
2
1
1
10
1000
10k
LOAD RESISTANCE (
W)
5
0
100
VS = ±2.5V
9
8
AV = +2
f = 1MHz
VS = ±5V
8
7
5
4
3
2
47
9
11
SUPPLY VOLTAGE (V)
6
56
8
10
85
°C
25
°C
−40
°C
100
1
0.1
0.01
0.01
1
100
FREQUENCY (MHz)
10
0.1
10
VS = ±5V


Similar Part No. - NCS2501SQT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2501SQT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com