Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5501DT50RKG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5501DT50RKG
Description  500 mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5501DT50RKG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5501DT50RKG Datasheet HTML 1Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 2Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 3Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 4Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 5Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 6Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 7Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 8Page - ON Semiconductor NCP5501DT50RKG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
2
PIN FUNCTION DESCRIPTIONS
Pin No.
Symbol
Description
NCP5500 / NCV5500 − DPAK 5 Lead Center Lead Crop
1
EN
Output Enable; high level turns on the output.
2
IN
Input; battery/unregulated supply input voltage.
3, TAB
GND
Ground; Pin 3 connected internally to the Tab heat sink.
4
OUT
Output; bypass to ground.
5
NC / ADJ
No connection (Fixed output versions only).
Voltage−adjust input. Use an external voltage divider to set the output voltage over a
range of 1.25 V to 5.0 V. Adjustable version only.
NCP5501 / NCV5501 − DPAK 3 Lead
1
IN
Input; battery/unregulated supply input voltage.
2, TAB
GND
Ground; Pin 3 connected internally to the Tab heat sink.
3
OUT
Output; bypass to ground.
Figure 2. Block Diagram
+
NC / ADJ
EN
IN
GND
OUT
Connection for Adjustable Output
Connection for Fixed Output
Error
Amplifier
Current Limit and
Saturation Sense
Bandgap
Reference
Thermal
Shutdown
Connection for Enable
EN and ADJ Pins
are applicable to
NCP5500 /
NCV5500 only.


Similar Part No. - NCP5501DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5501DT50RKG ONSEMI-NCP5501DT50RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
More results

Similar Description - NCP5501DT50RKG

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com