Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP9004FCT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP9004FCT1G
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004FCT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP9004FCT1G Datasheet HTML 1Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 2Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 3Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 4Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 5Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 6Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 7Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 8Page - ON Semiconductor NCP9004FCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP9004
http://onsemi.com
2
TYPICAL APPLICATION
BYPASS
Data
Processor
GND
OUTM
Figure 1. Typical Application
OUTP
Rf
Ri
Positive
Differential
Input
INM
BYPASS
INTERNAL
BIASING
Vp
BYPASS
Rf
Ri
Negative
Differential
Input
INP
Shutdown
Control
SD
Vp
Cs
RAMP
GENERATOR
BATTERY
300 kW
Vih
Vil
PIN DESCRIPTION
Pin No.
Symbol
Type
Description
A1
INP
I
Positive Differential Input.
A2
GND
I
Analog Ground.
A3
OUTM
O
Negative BTL Output.
B1
Vp
I
Power Analog Positive Supply. Range: 2.5 V – 5.5 V.
B2
Vp
I
Power Analog Positive Supply. Range: 2.5 V – 5.5 V.
B3
GND
I
Analog Ground.
C1
INM
I
Negative Differential Input.
C2
SD
I
The device enters in Shutdown Mode when a low level is applied on this pin. An internal 300 kW
resistor will force the device in shutdown mode if no signal is applied to this pin. It also helps to
save space and cost.
C3
OUTP
O
Positive BTL Output.


Similar Part No. - NCP9004FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
More results

Similar Description - NCP9004FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com