Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP9004 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP9004
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9004 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP9004 Datasheet HTML 7Page - ON Semiconductor NCP9004 Datasheet HTML 8Page - ON Semiconductor NCP9004 Datasheet HTML 9Page - ON Semiconductor NCP9004 Datasheet HTML 10Page - ON Semiconductor NCP9004 Datasheet HTML 11Page - ON Semiconductor NCP9004 Datasheet HTML 12Page - ON Semiconductor NCP9004 Datasheet HTML 13Page - ON Semiconductor NCP9004 Datasheet HTML 14Page - ON Semiconductor NCP9004 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP9004
http://onsemi.com
11
8
2.5
3.5
4.5
5.5
POWER SUPPLY (V)
TA = +85°C
6
7
8
9
10
11
2.5
3.5
4.5
5.5
Figure 33. Turn on Time
Figure 34. Turn off Time
Figure 35. Turn on sequence
Vp = 3.6 V, RL = 8 W
Figure 36. Turn off sequence
Vp = 3.6 V, RL = 8 W
POWER SUPPLY (V)
TA = +85°C
TA = +25°C
TA = −40°C
7
6
5
4
TA = −40°C
TA = +25°C
Turn on time
Shutdown signal
Output
differential
voltage
Turn off
time
Shutdown
signal
Output
differential
voltage
02
4
20
(ms)
6
8
10
12
14
16
18
0
1
2
10
(ms)
3
456
7
8
9


Similar Part No. - NCP9004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
More results

Similar Description - NCP9004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com