Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5604B Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5604B
Description  High Efficiency White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5604B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5604B Datasheet HTML 7Page - ON Semiconductor NCP5604B Datasheet HTML 8Page - ON Semiconductor NCP5604B Datasheet HTML 9Page - ON Semiconductor NCP5604B Datasheet HTML 10Page - ON Semiconductor NCP5604B Datasheet HTML 11Page - ON Semiconductor NCP5604B Datasheet HTML 12Page - ON Semiconductor NCP5604B Datasheet HTML 13Page - ON Semiconductor NCP5604B Datasheet HTML 14Page - ON Semiconductor NCP5604B Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP5604A, NCP5604B
http://onsemi.com
11
and 23 mA when Q1 is ON. The concept can use either a
DC drive or a pulsed mode to dynamically dim the light out
of the LED.
A different analog approach, but more complex solution,
can be derived from either a DC or a pulsed voltage
associated with a current mirror built with low cost discrete
devices (see Figure 14). The associated filter (R2/R3/C1)
provides a continuous voltage to the current mirror, thus a
digitally controlled continuous output current. Generally
speaking, the PWM frequency could be either in the low
end 20 Hz to 200 Hz band, or above the audio band (25 kHz
and beyond) to make sure the dimming can be adjusted
from zero to 100% without any audible noise. As a matter
of fact, the NCP5604A has been designed to guarantee
200 kHz PWM at the ENABLE pin.
The current mirror can be largely improved by using an
external operational amplifier to get a very stable and
temperature independent current, but such a solution could
turn out to be too expensive and, generally speaking, the
basic structure given, Figure 13, gives good results since
the current depends mostly upon the quality of resistor R2.
Figure 13. Basic Analog Dimming Control
VBAT
C2P
1
2
2
3
4
9
GND
EN
IREF
AGND
PGND
C2N
C3P
C3N
VOUT
ENABLE
Q1
High Out
Figure 14. Basic Analog PWM Dimming Control
VBAT
C2P
1
2
2
3
4
9
GND
EN
IREF
AGND
PGND
C2N
C3P
C3N
VOUT
ENABLE
GND
BC846BDW
15 k
R2
GND
12 k
R1
PWM
V = 3.3 V


Similar Part No. - NCP5604B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5602MUTBG ONSEMI-NCP5602MUTBG Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5603MNR2 ONSEMI-NCP5603MNR2 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
More results

Similar Description - NCP5604B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com