Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5210MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5210MNR2G
Description  3-in-1 PWM Dual Buck and Linear DDR Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5210MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5210MNR2G Datasheet HTML 1Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 2Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 3Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5210MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 4
1
Publication Order Number:
NCP5210/D
NCP5210
3−in−1 PWM Dual Buck
and Linear DDR Power
Controller
The NCP5210, 3−in−1 PWM Dual Buck and Linear DDR Power
Controller, is a complete power solution for MCH and DDR memory.
This IC combines the efficiency of PWM controllers for the VDDQ
supply and the MCH core supply voltage with the simplicity of linear
regulator for the VTT termination voltage.
This IC contains two synchronous PWM buck controller for driving
four external N−Ch FETs to form the DDR memory supply voltage
(VDDQ) and the MCH regulator. The DDR memory termination
regulator (VTT) is designed to track at the half of the reference voltage
with sourcing and sinking current.
Protective features include, soft−start circuitry, undervoltage
monitoring of 5VDUAL and BOOT voltage, and thermal shutdown.
The device is housed in a thermal enhanced space−saving
QFN−20 package.
Features
Incorporates Synchronous PWM Buck Controllers for VDDQ and
VMCH
Integrated Power FETs with VTT Regulator Source/Sink up to 2.0 A
All External Power MOSFETs are N−Channel
Adjustable VDDQ and VMCH by External Dividers
VTT Tracks at Half the Reference Voltage
Fixed Switching Frequency of 250 kHz for VDDQ and VMCH
Doubled Switching Frequency of 500 kHz for VDDQ Controller in
Standby Mode to Optimize Inductor Current Ripple and Efficiency
Soft−Start Protection for all Controllers
Undervoltage Monitor of Supply Voltages
Overcurrent Protections for DDQ and VTT Regulators
Fully Complies with ACPI Power Sequencing Specifications
Short Circuit Protection Prevents Damage to Power Supply Due
to Reverse DIMM Insertion
Thermal Shutdown
5x6 QFN−20 Package
Pb−Free Package is Available*
Applications
DDR I and DDR II Memory and MCH Power Supply
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PIN CONNECTIONS
ORDERING INFORMATION
NCP5210 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
MARKING
DIAGRAM
COMP
SS
SW_DDQ
FBDDQ
PGND
BOOT
VTT
5VDUAL
VDDQ
AGND
FBVTT
DDQ_REF
FB1P5
BG_DDQ
TG_DDQ
COMP_1P5
BUF_Cut
TG_1P5
BG_1P5
GND_1P5
QFN−20
MN SUFFIX
CASE 505AB
1
20
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NOTE: Pin 21 is the thermal pad
on the bottom of the device.
Device
Package
Shipping
NCP5210MNR2
QFN−20
2500 Tape & Reel
NCP5210MNR2G
QFN−20
(Pb−Free)
2500 Tape & Reel
1
NCP5210
AWLYYWW
http://onsemi.com


Similar Part No. - NCP5210MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP5210MNR2G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7116 ANPEC-APW7116 Datasheet
481Kb / 29P
   3-in-1 Dual PWM Buck and LinearDDR Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5209 ONSEMI-NCP5209 Datasheet
172Kb / 20P
   4-In-1 PWM Buck and Tri-Linear Power Controller
June, 2004 ??Rev. 1
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com