Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4894MNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4894MNR2G
Description  1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4894MNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4894MNR2G Datasheet HTML 7Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 8Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 9Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 10Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 11Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 12Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 13Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 14Page - ON Semiconductor NCP4894MNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP4894
http://onsemi.com
11
APPLICATION INFORMATION
Detailed Description
The NCP4894 audio amplifier can operate under 2.6 V
until 5.5 V power supply. It delivers 320 mW rms output
power to 4.0
W load (VP = 2.6 V) and 1.0 W rms output
power to 8.0
W load (VP = 5.0 V).
The structure of the NCP4894 is basically composed of
two identical internal power amplifiers. Both are externally
configurable with gain−setting resistors Rin and Rf (the
closed−loop gain is fixed by the ratios of these resistors).
The load is driven differentially through OUTA and OUTB
outputs. This configuration eliminates the need for an
output coupling capacitor.
Internal Power Amplifier
The output PMOS and NMOS transistors of the amplifier
were designed to deliver the output power of the
specifications without clipping. The channel resistance
(Ron) of the NMOS and PMOS transistors does not exceed
0.6
W when they drive current.
The structure of the internal power amplifier is
composed of three symmetrical gain stages, first and
medium gain stages are transconductance gain stages to
obtain maximum bandwidth and DC gain.
Turn−On and Turn−Off Transitions
A cycle with a turn−on and turn−off transition is
illustrated with plots that show both single ended signals on
the previous page.
In order to eliminate “pop and click” noises during
transitions, output power in the load must be slowly
established or cut. When logic high is applied to the
shutdown
pin, the bypass voltage begins to rise
exponentially and once the output DC level is around the
common mode voltage, the gain is established slowly
(20 ms). Using this turn−on mode, the device is optimized
in terms of rejection of “pop and click” noises.
A theoretical value of turn−on time at 25
°C is given by
the following formula.
Cby: bypass capacitor
R: internal 150 k resistor with a 25% accuracy
Ton = 0.95 * R * Cby
The device has the same behavior when it is turned−off
by a logic low on the shutdown pin. During the shutdown
mode, amplifier outputs are connected to the ground.
However, to totally cut the output audio signal, you only
need to wait for 20 ms.
Shutdown Function
The device enters shutdown mode once the SD SELECT
and SD MODE pins are in the same logic state. This brings
flexibility to the design, as the SD MODE pin must be
permanently connected to VP or GND on the PCB. If the
SD SELECT pin is not connected to the output of a
microcontroller or microprocessor, it’s not advisable to let
it float. A pulldown or pullup resistor is then suitable.
During the shutdown state, the DC quiescent current has a
typical value of 10 nA.
Current Limit Circuit
The
maximum
output
power
of
the
circuit
(Porms = 1.0 W, VP = 5.0 V, RL = 8.0
W) requires a peak
current in the load of 500 mA.
In order to limit the excessive power dissipation in the
load when a short−circuit occurs between both outputs, the
current limit in the load is fixed to 800 mA.
Thermal Overload Protection
Internal
amplifiers
are
switched
off
when
the
temperature exceeds 160
°C, and will be switched on again
only when the temperature decreases below 140
°C.
The NCP4894 is unity−gain stable and requires no
external components besides gain−setting resistors, an
input coupling capacitor and a proper bypassing capacitor
in the typical application.
Both internal amplifiers are externally configurable (Rf
and Rin) with gain configuration.
The differential−ended amplifier presents two major
advantages:
− The possible output power is four times larger (the
output swing is doubled) as compared to a single−ended
amplifier under the same conditions.
− Output pins (OUTA and OUTB) are biased at the same
potential VP/2, this eliminates the need for an output
coupling
capacitor required with a single−ended
amplifier configuration.
The differential closed loop−gain of the amplifier is
given by Avd + *
Rf
Rin
+
Vorms
Vinrms
.
Vorms is the rms value of
the voltage seen by the load and Vinrms is the rms value of
the input differential signal.
Output power delivered to the load is given by
Porms +
(Vopeak)2
2* RL
(Vopeak is the peak differential
output voltage).
When choosing gain configuration to obtain the desired
output power, check that the amplifier is not current limited
or clipped.
The maximum current which can be delivered to the load
is 500 mA Iopeak +
Vopeak
RL
.


Similar Part No. - NCP4894MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4894MNR2G ONSEMI-NCP4894MNR2G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
More results

Similar Description - NCP4894MNR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com