Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5210 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5210
Description  3-in-1 PWM Dual Buck and Linear DDR Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5210 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5210 Datasheet HTML 3Page - ON Semiconductor NCP5210 Datasheet HTML 4Page - ON Semiconductor NCP5210 Datasheet HTML 5Page - ON Semiconductor NCP5210 Datasheet HTML 6Page - ON Semiconductor NCP5210 Datasheet HTML 7Page - ON Semiconductor NCP5210 Datasheet HTML 8Page - ON Semiconductor NCP5210 Datasheet HTML 9Page - ON Semiconductor NCP5210 Datasheet HTML 10Page - ON Semiconductor NCP5210 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP5210
http://onsemi.com
7
Figure 3. VFBQ Feedback Voltage
vs. Ambient Temperature
200
250
300
350
400
450
500
550
020
40
60
80
Figure 4. Oscillation Frequency in S0/S3
vs. Ambient Temperature
Figure 5. VFB1P5 Feedback Voltage
vs. Ambient Temperature
Figure 6. VTT Sink Current Load Regulation
vs. Ambient Temperature
Figure 7. VTT Source Current Load Regulation
vs. Ambient Temperature
Figure 8. VTT Output Voltage
vs. Load Current
TYPICAL OPERATING CHARACTERISTICS
1.182
1.184
1.186
1.188
1.19
1.192
1.194
1.196
020
40
60
80
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
0.785
0.79
0.795
0.8
0.805
0.81
020
40
60
80
TA, AMBIENT TEMPERATURE (°C)
S3 MODE
S0 MODE
27
27.5
28
28.5
29
29.5
30
020
40
60
80
TA, AMBIENT TEMPERATURE (°C)
2 A Sinking Current
with 10 ms Period
and 1 ms Pulse Width
−8.5
−8
−7.5
−7
−6.5
−6
−5.5
−5
0
2040
6080
TA, AMBIENT TEMPERATURE (°C)
2 A Sourcing
Current with 10 ms
Period and 1 ms
Pulse Width
IVTT, OUTPUT LOAD CURRENT (A)
−0.03
−0.025
−0.02
−0.015
−0.01
−0.005
0
0.005
0.01
0.015
0.02
−2.5
−1.5
−0.5
0.5
1.5
2.5
Sourcing/Sinking
Current with 10 ms
Period and 1 ms
Pulse Width
TA = 25°C


Similar Part No. - NCP5210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP5210

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7116 ANPEC-APW7116 Datasheet
481Kb / 29P
   3-in-1 Dual PWM Buck and LinearDDR Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5209 ONSEMI-NCP5209 Datasheet
172Kb / 20P
   4-In-1 PWM Buck and Tri-Linear Power Controller
June, 2004 ??Rev. 1
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com