Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4894 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4894
Description  1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4894 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4894 Datasheet HTML 1Page - ON Semiconductor NCP4894 Datasheet HTML 2Page - ON Semiconductor NCP4894 Datasheet HTML 3Page - ON Semiconductor NCP4894 Datasheet HTML 4Page - ON Semiconductor NCP4894 Datasheet HTML 5Page - ON Semiconductor NCP4894 Datasheet HTML 6Page - ON Semiconductor NCP4894 Datasheet HTML 7Page - ON Semiconductor NCP4894 Datasheet HTML 8Page - ON Semiconductor NCP4894 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP4894
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS Limits apply for TA between −40°C to +85°C (Unless otherwise noted).
Characteristic
Symbol
Conditions
Min
(Note 8)
Typ
Max
(Note 8)
Unit
Supply Quiescent Current
Idd
VP = 3.0 V, No Load
VP = 5.0 V, No Load
1.9
2.1
mA
VP = 3.0 V, 8.0
W
VP = 5.0 V, 8.0
W
2.0
2.2
4.0
Common Mode Voltage
Vcm
VP/2
V
Shutdown Current
ISD
For VP between 2.2 V to 5.5 V
SDM = SDS = GND
TA = 25°C
TA = −40°C to +85°C
20
600
2.0
nA
mA
SD SELECT Threshold High
VSDIH
1.4
V
SD SELECT Threshold Low
VSDIL
0.4
V
Turning On Time (Note 10)
TWU
Cby = 1.0 mF
140
ms
Turning Off Time (Note 10)
TSD
20
ms
Output Swing
Vloadpeak
VP = 3.0 V, RL = 8.0 W
2.5
V
VP = 5.0 V, RL = 8.0 W (Note 9)
TA = 25°C
TA = −40°C to +85°C
4.0
3.85
4.3
V
Rms Output Power
PO
VP = 3.0 V, RL = 8.0 W
THD + N < 0.1%
VP = 3.3 V, RL = 8.0 W
THD + N < 0.1%
VP = 5.0 V, RL = 8.0 W
THD + N < 0.1%
0.39
0.48
1.08
W
Output Offset Voltage
VOS
For VP between 2.2 V
to 5.5 V
−30
1.0
30
mV
Power Supply Rejection Ratio
PSRR V+
G = 2.0, RL = 8.0 W
VPripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
F = 217 Hz
VP = 5.0 V
VP = 3.0 V
F = 1.0 kHz
VP = 5.0 V
VP = 3.0 V
−80
−80
−85
−85
dB
Efficiency
h
VP = 3.0 V, Porms = 380 mW
VP = 5.0 V, Porms = 1.0 W
64
63
%
Thermal Shutdown Temperature
Tsd
160
°C
Total Harmonic Distortion
THD
VP = 3.0 V, F = 1.0 kHz
RL = 8.0 W, AV = 2.0
PO = 0.32 W
VP = 5.0 V, F = 1.0 kHz
RL = 8.0 W, AV = 2.0
PO = 1.0 W
0.007
0.006
%
8. Min/Max limits are guaranteed by design, test or statistical analysis.
9. This parameter is not tested in production for 9−Pin Flip−Chip CSP package in case of a 5.0 V power supply, however it is correlated based
on a 3.0 V power supply testing.
10. See page 11 for a theoretical approach of these parameters.


Similar Part No. - NCP4894

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2 ONSEMI-NCP4894DMR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2G ONSEMI-NCP4894DMR2G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894FCT1G ONSEMI-NCP4894FCT1G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894MNR2 ONSEMI-NCP4894MNR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
More results

Similar Description - NCP4894

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com