Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5667RBCPZ-250RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5667RBCPZ-250RL7
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667RBCPZ-250RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5667RBCPZ-250RL7 Datasheet HTML 5Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 6Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 7Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 8Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 9Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 10Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 11Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 12Page - Analog Devices AD5667RBCPZ-250RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Preliminary Technical Data
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. PrA. | Page 9 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VOUTA
VOUTB
GND
LDAC
CLR
VREFIN/VREFOUT
VDD
SDA
SCL
ADDR
1
2
3
4
5
10
9
8
7
6
AD5627(R)
AD5647R
AD5667(R)
TOP VIEW
(Not to Scale)
NOTE. VREFOUT IS AVAILABLE ONLY ON -R VERSIONS
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
(10-pin)
Mnemonic
Description
1
VOUTA
Analog output voltage from DAC C. The output amplifier has rail-to-rail operation.
2
VOUTB
Analog output voltage from DAC B. The output amplifier has rail-to-rail operation.
3
GND
Ground reference point for all circuitry on the part.
4
LDAC
Active low load DAC pin.
5
CLR
Asynchronous clear input. The
CLR input is falling edge sensitive. While CLR is low, all LDAC pulses
are ignored. When
CLR is activated, zero scale is loaded to all input and DAC registers. This clears the
output to 0 V. The part exits clear code mode on the 24th falling edge of the next write to the part. If
CLR is activated during a write sequence, the write is aborted.
6
ADDR
Three-state address input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address.
7
SCL
Serial clock line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit
input register.
8
SDA
Serial data line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit
input register. It is a bidirectional, open-drain data line that should be pulled to the supply with an
external pull-up resistor.
9
VDD
Power supply input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be
decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
10
VREFIN/VREFOUT
The AD5627R/AD5647R/AD5667R, AD5627/AD5667 have a common pin for reference input and
reference output. The internal reference and reference output are only available on suffix ---R
versions. When using the internal reference, this is the reference output pin. When using an external
reference, this is the reference input pin. The default for this pin is as a reference input.


Similar Part No. - AD5667RBCPZ-250RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5667RBCPZ-R2 AD-AD5667RBCPZ-R2 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5667RBCPZ-REEL7 AD-AD5667RBCPZ-REEL7 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
More results

Similar Description - AD5667RBCPZ-250RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5625R AD-AD5625R Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667 AD-AD5667_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com