Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5665-RBRUZ-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5665-RBRUZ-2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665-RBRUZ-2 Datasheet(HTML) 2 Page - Analog Devices

  AD5665-RBRUZ-2 Datasheet HTML 1Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 2Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 3Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 4Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 5Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 6Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 7Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 8Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 2 of 32
TABLE OF CONTENTS
Features...................................................................................1
Applications ...........................................................................1
General Description .............................................................1
Product Highlights................................................................1
Table1. Related Devices ........................................................2
TABLE OF CONTENTS ......................................................2
Specifications .........................................................................3
AC Characteristics ................................................................4
I2C Timing Specifications.....................................................5
Absolute Maximum Ratings ................................................7
Pin Configuration and Function Descriptions..................8
Typical Performance Characteristics ..................................9
Terminology...........................................................................17
Theory of Operation .............................................................19
D/A Section............................................................................19
Resistor String........................................................................19
Output Amplifier...................................................................19
Internal Reference .................................................................19
External Reference ................................................................19
Serial Interface .......................................................................19
Write Operation.....................................................................21
Read Operation......................................................................21
High Speed Mode ..................................................................22
Multiple Byte Write ...............................................................23
Broadcast Mode .....................................................................23
Input Shift Register................................................................23
Write Commands and LDAC...............................................24
LDAC Setup............................................................................24
LDAC Pin .................................................................................25
Power-Down Modes..............................................................25
Power-on Reset and Software Reset ....................................26
Internal Reference Setup.......................................................26
Clear Pin (CLR) .....................................................................26
Applications............................................................................27
Using A Reference as Power Supply ....................................27
Bipolar Operation..................................................................27
Power Supply Bypassing and Grounding ...........................27
Outline Dimensions ..............................................................28
Ordering Information ...........................................................29
REVISION HISTORY
4/06—Revision 0: Initial Version


Similar Part No. - AD5665-RBRUZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5665BCPZ-R2 AD-AD5665BCPZ-R2 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5665BCPZ-REEL7 AD-AD5665BCPZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5665BRUZ AD-AD5665BRUZ Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5665BRUZ-REEL7 AD-AD5665BRUZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5665RBCBZ-1-RL7 AD-AD5665RBCBZ-1-RL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
More results

Similar Description - AD5665-RBRUZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5627R AD-AD5627R Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com