Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4326 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCP4326
Description  Secondary Controller for Multi?뭀utput Quasi?뭃esonant Switchmode Power Supplies
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4326 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCP4326 Datasheet HTML 15Page - ON Semiconductor NCP4326 Datasheet HTML 16Page - ON Semiconductor NCP4326 Datasheet HTML 17Page - ON Semiconductor NCP4326 Datasheet HTML 18Page - ON Semiconductor NCP4326 Datasheet HTML 19Page - ON Semiconductor NCP4326 Datasheet HTML 20Page - ON Semiconductor NCP4326 Datasheet HTML 21Page - ON Semiconductor NCP4326 Datasheet HTML 22Page - ON Semiconductor NCP4326 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
NCP4326
http://onsemi.com
19
Duty Cycle Control:
Figure 41 shows the duty cycle value according the opamp
output voltage (CPx pin):
1. If the opamp output (VCPx) is above the maximum
ramp value (VCt_max1) on “Ct” pin then the duty
cycle will be equal to 100%.
2. If VCPx is between the max and the min value of
the ramp voltage, respectively VCt_max1 and
VCt_min1 then the duty cycle will be included
between 0 and 100%.
3. If VCPx is below the min ramp value (VCt_min1)
then the output driver will be place in skip cycle
mode with a null duty cycle.
FB Voltage on pin CPx
Time
Figure 41. Duty Cycle Variation versus the
Feedback Voltage
VOH1, 2min
Duty Cycle = 100%
0% < Duty Cycle < 100%
Duty Cycle = 0%
VCt_max1
VCt_min
VCpx
Here after find the experimental results illustrating the skip cycle feature:
DRV2 pin Signal
(10 V/div)
Ct ramp pin signal
(1 V/div)
Error amplifier
output voltage (CP2
pin) (1 V/div).
Variable
Duty Cycle
100%
Duty Cycle
0% DC
0% DC
Figure 42. All Duty Cycle Representation


Similar Part No. - NCP4326

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4326 ONSEMI-NCP4326 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP4326

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337 Datasheet
138Kb / 14P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
July, 2006 ??Rev. 2
NCP1207A ONSEMI-NCP1207A_06 Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1377 ONSEMI-NCP1377_06 Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1378 ONSEMI-NCP1378_06 Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
NCP12600 ONSEMI-NCP12600 Datasheet
515Kb / 24P
   Multi-Mode Controller for Offline Power Supplies
January, 2018 ??Rev. 0
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1380 ONSEMI-NCP1380 Datasheet
417Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2009 ??Rev. 1
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com