Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP4326 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP4326
Description  Secondary Controller for Multi−Output Quasi−Resonant Switchmode Power Supplies
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 1
1
Publication Order Number:
NCP4326/D
NCP4326
Secondary Controller for
Multi−Output
Quasi−Resonant
Switchmode Power
Supplies
This secondary controller significantly improves the overall
efficiency and cross−regulation figures when used in a Switchmode
Power Supply. Compared to traditional regulation schemes, the
NCP4326 provides superior performance in cross−regulation by
individually regulating outputs. Powered from a main winding, the
device actuates two independent switches that precisely adjust the
considered outputs to resistor−selectable voltages. This controller also
integrates a precision reference voltage, which together with a
dedicated operational amplifier reduces the feedback loop elements to
the minimum. In the end three independent output voltages can be
controlled by a single device.
A skip cycle feature improves the stand by power in light load
condition. Finally, dedicated shutdown pins offer an easy mean to
disable the secondary outputs in applications where a low standby
power performance is key.
Features
0% to 100% Duty Cycle Range
Integrated Shunt Regulator for Optocoupler Control
Internal Voltage Reference (1.25 V, 1% @ 25°C)
2 Independent Power MOSFET Drivers
Enable/Disable for Each Driver
Independent Soft−Starts on both Output Drivers
Independent Skip Cycle on both Output Drivers
Standby Pin
580 / 650 mA Peak Current Source/Sink Driver Capability
Synchronization Pin
5 V Undervoltage Lock−Out on Vcc
Pb−Free Package is Available
Applications
Consumer Electronics Applications:
DVD, Set Top Box, CDR, Game Console
Any Multi−Output Voltage Quasi−Resonant SMPS
http://onsemi.com
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
NCP4326DG
AWLYWW
1
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Device
(Bottom View)
Device
Package
Shipping{
ORDERING INFORMATION
NCP4326DR2
3000 Tape & Reel
SOIC−16
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
PIN CONNECTIONS
CP1
FB1
EN2
CP2
FB2
Ct
Sync
CPm
EN1
GND
Flux
DRV1
Vcc
DRV2
STBY
FBm
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NCP4326DR2G
3000 Tape & Reel
SOIC−16
(Pb−Free)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1337PWM Current−Mode Controller for Free Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
MC74HC4316AQuad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
SAB82C257Advanced DMA Controller for 16-Bit Microcomputer Sytems ADMA 1 2 Siemens Semiconductor Group
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
MUR450PFSWITCHMODE Power Rectifier 1 2 3 4 5 ON Semiconductor
MUR550SWITCHMODE Power Rectifier 1 2 3 4 5 MoreON Semiconductor
CS5308Two−Phase PWM Controller with Integrated Gate Drivers for VRM 8.5 1 2 3 4 5 MoreON Semiconductor
MURD330SWITCHMODE Power Rectifier 1 2 3 4 ON Semiconductor
PEB2025ISDN Exchange Power Controller 1 2 3 4 5 MoreSiemens Semiconductor Group
CS5332Two−Phase Buck Controller with Integrated Gate Drivers for VRM 9.0 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl