Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3488 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3488
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3488 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3488 Datasheet HTML 1Page - ON Semiconductor NCP3488 Datasheet HTML 2Page - ON Semiconductor NCP3488 Datasheet HTML 3Page - ON Semiconductor NCP3488 Datasheet HTML 4Page - ON Semiconductor NCP3488 Datasheet HTML 5Page - ON Semiconductor NCP3488 Datasheet HTML 6Page - ON Semiconductor NCP3488 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NCP3488
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (VCC = 12 V, TA = 0°C to +85°C, TJ = 0°C to +125°C unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
4.6
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V
2.0
6.0
mA
OD Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Hysteresis
500
mV
Input Current
No internal pull−up or pull−down resistors
−1.0
+1.0
mA
Propagation Delay Time (Note 5)
tpdlOD
tpdhOD
30
30
50
50
60
60
ns
ns
PWM Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Hysteresis
500
mV
Input Current
No internal pull−up or pull−down resistors
−1.0
+1.0
mA
High−Side Driver
Output Resistance, Sourcing Current
VBST − VSW = 12 V (Note 7)
1.8
W
Output Resistance, Sinking Current
VBST − VSW = 12 V (Note 7)
1.0
W
Transition Times (Note 5)
trDRVH
tfDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF
(See Figure 3)
16
11
ns
ns
Propagation Delay (Notes 5 & 6)
tpdhDRVH
tpdlDRVH
VBST − VSW = 12 V
30
25
ns
ns
Low−Side Driver
Output Resistance, Sourcing Current
VCC = 12 V (Note 7)
1.8
W
Output Resistance, Sinking Current
VCC − VSW = 12 V (Note 7)
1.0
W
Timeout Delay
DRVH−SW = 0
85
ns
Transition Times
trDRVL
tfDRVL
CLOAD = 3.0 nF
(See Figure 3)
16
11
ns
ns
Propagation Delay
tpdhDRVL
tpdlDRVL
(See Figure 3)
30
20
ns
ns
Undervoltage Lockout
UVLO Startup
3.7
3.9
4.4
V
UVLO Shutdown
3.2
3.5
3.9
V
Hysteresis
0.3
0.4
0.7
V
Thermal Shutdown
Over Temperature Protection
(Note 7)
150
170
°C
Hysteresis
(Note 7)
20
°C
4. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
5. AC specifications are guaranteed by characterization, but not production tested.
6. For propagation delays, “tpdh’’ refers to the specified signal going high; “tpdl’’ refers to it going low.
7. GBD: Guaranteed by design; not tested in production.
Specifications subject to change without notice.


Similar Part No. - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AE ONSEMI-NCP348AE Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348AEMTTXG ONSEMI-NCP348AEMTTXG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348MTTBG ONSEMI-NCP348MTTBG Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
More results

Similar Description - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418B ONSEMI-NCP3418B Datasheet
89Kb / 8P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
March, 2006 ??Rev. 5
NCP3420 ONSEMI-NCP3420 Datasheet
155Kb / 9P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
December, 2009 ??Rev. 3
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
International Rectifier
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com