Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3488 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3488
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3488 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3488 Datasheet HTML 1Page - ON Semiconductor NCP3488 Datasheet HTML 2Page - ON Semiconductor NCP3488 Datasheet HTML 3Page - ON Semiconductor NCP3488 Datasheet HTML 4Page - ON Semiconductor NCP3488 Datasheet HTML 5Page - ON Semiconductor NCP3488 Datasheet HTML 6Page - ON Semiconductor NCP3488 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NCP3488
http://onsemi.com
5
10%
90%
Figure 2. Output Disable Timing Diagram
DRVH
or
DRVL
OD
tpdlOD
tpdhOD
90%
10%
10%
90%
90%
10%
10%
90%
2V
2V
Figure 3. Nonoverlap Timing Diagram
DRVL
tpdlDRVL
tfDRVL
tpdhDRVH
trDRVH
tpdlDRVH
tfDRVH
trDRVL
tpdhDRVL
DRVH−SW
SW
IN
APPLICATIONS INFORMATION
Theory of Operation
The NCP3488 is a single phase MOSFET driver designed
for driving two N−channel MOSFETs in a synchronous buck
converter topology. The NCP3488 will operate from 5 V or
12 V, but it has been optimized for high current multi−phase
buck regulators that convert 12 Volt rail directly to the core
voltage required by complex logic chips. A single PWM input
signal is all that is required to properly drive the high−side and
the low−side MOSFETs. Each driver is capable of driving a
3.3 nF load at frequencies up to 500 kHz.
Low−Side Driver
The low−side driver is designed to drive a
ground−referenced low RDS(on) N−Channel MOSFET. The
voltage rail for the low−side driver is internally connected to
the VCC supply and PGND.
High−Side Driver
The high−side driver is designed to drive a floating low
RDS(on) N−channel MOSFET. The gate voltage for the high
side driver is developed by a bootstrap circuit referenced to
Switch Node (SW) pin.
The bootstrap circuit is comprised of an external diode,
and an external bootstrap capacitor. When the NCP3488 is
starting up, the SW pin is at ground, so the bootstrap
capacitor will charge up to VCC through the bootstrap diode
See Figure 4. When the PWM input goes high, the high−side
driver will begin to turn on the high−side MOSFET using the
stored charge of the bootstrap capacitor. As the high−side
MOSFET turns on, the SW pin will rise. When the high−side
MOSFET is fully on, the switch node will be at 12 volts, and
the BST pin will be at 12 volts plus the charge of the
bootstrap capacitor (approaching 24 volts).
The bootstrap capacitor is recharged when the switch
node goes low during the next cycle.


Similar Part No. - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AE ONSEMI-NCP348AE Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348AEMTTXG ONSEMI-NCP348AEMTTXG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348MTTBG ONSEMI-NCP348MTTBG Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
More results

Similar Description - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418B ONSEMI-NCP3418B Datasheet
89Kb / 8P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
March, 2006 ??Rev. 5
NCP3420 ONSEMI-NCP3420 Datasheet
155Kb / 9P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
December, 2009 ??Rev. 3
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
International Rectifier
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com