Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2892 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP2892
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2892 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP2892 Datasheet HTML 2Page - ON Semiconductor NCP2892 Datasheet HTML 3Page - ON Semiconductor NCP2892 Datasheet HTML 4Page - ON Semiconductor NCP2892 Datasheet HTML 5Page - ON Semiconductor NCP2892 Datasheet HTML 6Page - ON Semiconductor NCP2892 Datasheet HTML 7Page - ON Semiconductor NCP2892 Datasheet HTML 8Page - ON Semiconductor NCP2892 Datasheet HTML 9Page - ON Semiconductor NCP2892 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP2892 Series
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. THD + N versus Power Out
0
200
10
0.001
0.1
Pout, POWER OUT (mW)
Figure 4. THD + N versus Power Out
0
100
200
300
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 4.2 V
RL = 8 W
f = 1 kHz
AV = 2
Vp = 3.2 V
RL = 8 W
f = 1 kHz
AV = 2
Figure 5. THD + N versus Power Out
0
100
200
300
400
10
0.001
0.1
Pout, POWER OUT (mW)
Figure 6. THD + N versus Power Out
0
200
400
600
1200
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 2.5 V
RL = 8 W
f = 1 kHz
AV = 2
Vp = 3.6 V
RL = 4 W
f = 1 kHz
AV = 2
Figure 7. THD + N versus Power Out
1
400
600
800
1000
1200
1
400
700
1
1
0.01
0.01
0.01
800
Figure 8. THD + N versus Power Out
0
200
400
1000
1600
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 5 V
RL = 8 W
f = 1 kHz
AV = 2
1
600
800
1200
0.01
0
100
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 3.6 V
RL = 8 W
f = 1 kHz
AV = 2
1
200
300
400
500
800
0.01
50
150
250
350
500
600
700
600
1400
1000
0.01
NCP2892A
NCP2892B
NCP2892A
NCP2892B
NCP2892A
NCP2892B
NCP2892A
NCP2892B
NCP2892A
NCP2892B
NCP2892A
NCP2892B


Similar Part No. - NCP2892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com