Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1582DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1582DR2G
Description  Low Voltage Synchronous Buck Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1582DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1582DR2G Datasheet HTML 1Page - ON Semiconductor NCP1582DR2G Datasheet HTML 2Page - ON Semiconductor NCP1582DR2G Datasheet HTML 3Page - ON Semiconductor NCP1582DR2G Datasheet HTML 4Page - ON Semiconductor NCP1582DR2G Datasheet HTML 5Page - ON Semiconductor NCP1582DR2G Datasheet HTML 6Page - ON Semiconductor NCP1582DR2G Datasheet HTML 7Page - ON Semiconductor NCP1582DR2G Datasheet HTML 8Page - ON Semiconductor NCP1582DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP1582, NCP1582A, NCP1583
http://onsemi.com
2
Figure 2. Typical VGA Card Application Diagram
BST
TG
GND
BG
COMP/DIS
FB
VCC
VOUT
PHASE
12 V
3.3 V
Figure 3. Detailed Block Diagram
LATCH
FB
COMP/DIS
0.8 V
(VREF)
VCC
+
Clock
Ramp
OSC
OSC
R
S
Q
PWM
OUT
FAULT
+
2 V
+
2 V
FAULT
TG
BST
PHASE
VCC
BG
GND
7
1
2
8
4
3
FAULT
+
SCP
POR
UVLO
5
+
6
SCP Trip Voltage


Similar Part No. - NCP1582DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1582DR2G ONSEMI-NCP1582DR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP1582DR2G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com