Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1573 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1573
Description  Low Voltage Synchronous Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1573 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1573 Datasheet HTML 1Page - ON Semiconductor NCP1573 Datasheet HTML 2Page - ON Semiconductor NCP1573 Datasheet HTML 3Page - ON Semiconductor NCP1573 Datasheet HTML 4Page - ON Semiconductor NCP1573 Datasheet HTML 5Page - ON Semiconductor NCP1573 Datasheet HTML 6Page - ON Semiconductor NCP1573 Datasheet HTML 7Page - ON Semiconductor NCP1573 Datasheet HTML 8Page - ON Semiconductor NCP1573 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number
NCP1573/D
NCP1573
Low Voltage Synchronous
Buck Controller
The NCP1573 is a low voltage buck controller. It provides the
control for a DC−DC power solution producing an output voltage as
low as 0.980 V over a wide current range. The NCP1573−based
solution is powered from 12 V with the output derived from a 2−7 V
supply. It contains all required circuitry for a synchronous NFET buck
regulator using the V2™ control method to achieve the fastest possible
transient response and best overall regulation. NCP1573 operates at a
fixed internal 200 kHz frequency and is packaged in an SO−8.
This device provides Power Good with delay and built−in adaptive
non−overlap.
Features
0.980 V ± 1.0% Reference Voltage
V2 Control Topology
200 ns Transient Response
Power Good
Programmable Power Good Delay
40 ns Gate Rise and Fall Times (3.3 nF Load)
Adaptive FET Non−Overlap Time
Fixed 200 kHz Oscillator Frequency
On/Off Control Through Use of the COMP Pin
Overvoltage Protection through Synchronous MOSFETs
Synchronous N−Channel Buck Design
Dual Supply, 12 V Control, 2−7 V Power Source
Device
Package
Shipping
ORDERING INFORMATION
NCP1573D
SO−8
98 Units/Rail
NCP1573DR2
SO−8
2500 Tape & Reel
SO−8
D SUFFIX
CASE 751
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
GATE(H)
COMP
1
8
GATE(L)
PGDELAY
VFB
PWRGD
GND
VCC
PIN CONNECTIONS AND
MARKING DIAGRAM
1
8
http://onsemi.com


Similar Part No. - NCP1573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570D ONSEMI-NCP1570D Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570DR2 ONSEMI-NCP1570DR2 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1571D ONSEMI-NCP1571D Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
More results

Similar Description - NCP1573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com