Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1521 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1521
Description  1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1521 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1521 Datasheet HTML 2Page - ON Semiconductor NCP1521 Datasheet HTML 3Page - ON Semiconductor NCP1521 Datasheet HTML 4Page - ON Semiconductor NCP1521 Datasheet HTML 5Page - ON Semiconductor NCP1521 Datasheet HTML 6Page - ON Semiconductor NCP1521 Datasheet HTML 7Page - ON Semiconductor NCP1521 Datasheet HTML 8Page - ON Semiconductor NCP1521 Datasheet HTML 9Page - ON Semiconductor NCP1521 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP1521
http://onsemi.com
6
Figure 13. Soft Start Time (VIN = 3.6 V)
Figure 14. Frequency vs. Input Voltage
Figure 15. Frequency vs. Temperature
Figure 16. Load Regulation
Figure 17. Output Voltage vs. Enable Input Pin
Voltage
Figure 18. PFM/PWM Threshold vs. Input
Voltage
0
IOUT, OUTPUT CURRENT (mA)
3.0
1.0
−3.0
100
200
300
400
500
700
−1.0
−2.0
0.5
0
0.2
0.4
0.6
0.8
1.0
VIN, ENABLE INPUT VOLTAGE (V)
0.0
1.4
1.5
1.0
2.0
VIN, INPUT VOLTAGE (V)
1.3
1.4
1.5
1.6
1.7
1.8
2.7
3.2
3.7
4.2
4.7
5.7
5.2
2.0
0.0
2.7
3.2
3.7
4.2
4.7
5.2
VIN, INPUT VOLTAGE (V)
5.7
IOUT = 300 mA
IOUT = 600 mA
TEMPERATURE (
°C)
1.2
1.3
1.4
1.5
1.6
1.7
−40
−20
0
20
40
100
1.8
60
VIN = 5.5 V
IOUT = 300 mA
80
VIN = 3.6 V
1.5
−2.5
−0.5
−1.5
2.5
0.5
600
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 0.9 V
1.2
VOUT = 1.8 V
TA = 25°C
EN
2 V/Div
VOUT
500 mV/Div
100
ms/Div
0
10
20
30
40
50
60
70
80
90
100


Similar Part No. - NCP1521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1521 ONSEMI-NCP1521 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
NCP1521BMUTBG ONSEMI-NCP1521BMUTBG Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
More results

Similar Description - NCP1521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1526 ONSEMI-NCP1526 Datasheet
292Kb / 16P
   400 mA, 1.2 V, High?묮fficiency, Step?묭own Converter with Low Noise Voltage Regulator Optimized for RF Module
July, 2006 ??Rev. 0
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com