Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1508MNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1508MNR2G
Description  Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1508MNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1508MNR2G Datasheet HTML 1Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 2Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 3Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 4Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 5Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 6Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 7Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 8Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP1508
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (Vin = 3.6 V, Vo = 1.5 V, TA = 25°C, Fsyn = 600 kHz 50% Duty Cycle square wave
for PWM mode; TA = –30 to 85°C for Min/Max values, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SYNC PWM Mode Characteristics (continued)
Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L, Iout = 300 mA
Vout
0.950
1.000
1.050
V
Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H, Iout = 300 mA
Vout
1.261
1.300
1.339
V
Feedback Voltage Accuracy, Vout Set = 1.5 V, CB0 = H, CB1 = H, Iout = 300 mA
Vout
1.450
1.500
1.550
V
Feedback Voltage Accuracy, Vout Set = 1.89 V, CB0 = H, CB1 = L, Iout = 300 mA
Vout
1.833
1.890
1.947
V
Line Regulation, Vin = 2.7 V−3.6 V, Iout = 100 mA
−15
+15
mV
Line Regulation, Vin = 3.6 V−5.2 V, Iout = 100 mA
−15
+15
mV
Load Regulation, Iout = 100 mA−300 mA
−15
+15
mV
Load Transient Response, 10 to 100 mA Load Step
Vout
50
mV
Line Transient Response, Iout = 100 mA, 3.0 to 3.6 Vin Line Step
Vout
"5.0
mVpp
PWM Mode with Internal Oscillator Characteristics
Switching P−FET Current Limit
Ilim
800
mA
Duty Cycle (Note 2)
DC
100
%
Minimum On Time
Ton(min)
75
nsec
Internal Oscillator Frequency − TA = 25°C
–30°C ≤ TA ≤ 85°C
Fosc
760
700
980
980
1240
1240
kHz
RDS(on) Switching P−FET and N_FET
RDS(on)
0.23
W
Switching P−FET and N−FET Leakage Current
Ileak
0
10
mA
Output Overvoltage Threshold
Vo
5.0
%
Feedback Voltage Accuracy, Vout Set = 1.0 V, CB0 = L, CB1 = L,
Iout = 300 mA
Vout
0.950
1.000
1.050
V
Feedback Voltage Accuracy, Vout Set = 1.3 V, CB0 = L, CB1 = H,
Iout = 300 mA
Vout
1.261
1.300
1.339
V
Feedback Voltage Accuracy, Vout Set = 1.5 V, CB0 = H, CB1 = H,
Iout = 300 mA
Vout
1.450
1.500
1.550
V
Feedback Voltage Accuracy, Vout Set = 1.89 V, CB0 = H CB1 = L,
Iout = 300 mA
Vout
1.833
1.890
1.947
V
Line Regulation, Vin = 2.7 V−3.6 V, Iout = 100 mA
−15
+15
mV
Line Regulation, Vin = 3.6 V−5.2 V, Iout = 100 mA
−15
+15
mV
Load Regulation, Iout = 100 mA−300 mA
−15
+15
mV
Load Transient Response, 10 to 100 mA Load Step
Vout
50
mV
Line Transient Response, Iout = 100 mA, 3.0 to 3.6 Vin Line Step
Vout
"5.0
mVpp
Pulsed Mode Characteristics
Peak Current Limit
Ilim
200
mA
Output Current
Iout
0.05
30
mA
Output Ripple Voltage, Iout = 100 mA
Vout
22
100
mV
Feedback Voltage Accuracy, Vout Set = 1.0 V, CB0 = L, CB1 = L
Vout
0.950
1.000
1.050
V
Feedback Voltage Accuracy, Vout Set = 1.3 V, CB0 = L, CB1 = H
Vout
1.261
1.300
1.339
V
Feedback Voltage Accuracy, Vout Set = 1.5 V, CB0 = H, CB1 = H
Vout
1.450
1.500
1.550
V
Feedback Voltage Accuracy, Vout Set = 1.89 V, CB0 = H, CB1 = L
Vout
1.833
1.890
1.947
V
2. Maximum value is guaranteed by design.


Similar Part No. - NCP1508MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1500DMR2 ONSEMI-NCP1500DMR2 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500DMR2G ONSEMI-NCP1500DMR2G Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NCP1508MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1509 ONSEMI-NCP1509 Datasheet
470Kb / 15P
   Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
July, 2006 ??Rev. 1
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com