Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP663SQ18T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP663SQ18T1
Description  100 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP663SQ18T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP663SQ18T1 Datasheet HTML 2Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 3Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 4Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 5Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 6Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 7Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 8Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 9Page - ON Semiconductor NCP663SQ18T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP662, NCV662, NCP663, NCV663
http://onsemi.com
7
APPLICATIONS INFORMATION
A typical application circuit for the NCP662/NCV662
and NCP663/NCV663 series are shown in Figure 1 and
Figure 2.
Input Decoupling (C1)
A 1.0
mF capacitor, either ceramic or tantalum is
recommended and should be connected close to the device
package. Higher capacitance values and lower ESR will
improve the overall line transient response.
TDK capacitor: C2012X5R1C105K or C1608X5R1A105K
Output Decoupling (C2)
The NCP662/NCV662 and NCP663/NCV663 are very
stable regulators and do not require any specific Equivalent
Series Resistance (ESR) or a minimum output current.
Capacitors exhibiting ESRs ranging from a few m
W up to
10
W can safely be used. The minimum decoupling value is
0.1
mF and can be augmented to fulfill stringent load
transient requirements. The regulator accepts ceramic chip
capacitors as well as tantalum devices. Larger values
improve noise rejection and load regulation transient
response.
TDK capacitor: C2012X5R1C105K, C1608X5R1A105K,
or C3216X7R1C105K
Enable Operation (NCP662/NCV662 ONLY)
The enable pin will turn on the regulator when pulled high
and turn off the regulator when pulled low. The threshold
limits are covered in the electrical specification section of
the data sheet. If the enable is not used, the pin should be
connected to Vin.
Hints
Please be sure the Vin and GND lines are sufficiently
wide. When the impedance of these lines is high, there is a
chance to pick up noise or cause the regulator to
malfunction.
Place external components, especially the output
capacitor, as close as possible to the circuit, and make leads
as short as possible.
Thermal
As
power
across
the
NCP662/NCV662
and
NCP663/NCV663 increases, it might become necessary to
provide some thermal relief. The maximum power
dissipation supported by the device is dependent upon board
design and layout. The mounting pad configuration on the
PCB, the board material, and the ambient temperature effect
the rate of temperature rise for the part. This is stating that
when the devices have good thermal conductivity through
the PCB, the junction temperature will be relatively low with
high power dissipation applications.
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If junction temperature is not allowed above the
maximum
125
°C, then the NCP662/NCV662 and
NCP663/NCV663 can dissipate up to 300 mW @ 25
°C.
The power dissipated by the NCP662/NCV662 and
NCP663/NCV663 can be calculated from the following
equation:
Ptot + [Vin *Ignd (Iout)] ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If an 100 mA output current is needed then the ground
current from the data sheet is 2.5
mA. For the
NCP662/NCV662 or NCP663/NCV663 (3.0 V),
the
maximum input voltage is 6.0 V.


Similar Part No. - NCP663SQ18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP663SQ18T1G ONSEMI-NCP663SQ18T1G Datasheet
157Kb / 9P
   Low-Dropout Voltage Regulator
May, 2013 ??Rev. 3
More results

Similar Description - NCP663SQ18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com