Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5624BRMZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5624BRMZ-REEL7
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624BRMZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5624BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5624BRMZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
10
4
6
8
0
2
–6
–10
–8
–2
–4
0
5k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k
VDD = VREF = 5V
TA = 25°C
Figure 4. INL AD5664
CODE
1.0
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
–0.8
–0.6
–0.4
0
0.4
0.2
–0.2
0.6
0.8
VDD = VREF = 5V
TA = 25°C
Figure 5. INL AD5624
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
10k
20k
30k
40k
50k
60k
VDD = VREF = 5V
TA = 25°C
Figure 6. DNL AD5664
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.20
–0.15
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
VDD = VREF = 5V
TA = 25°C
Figure 7. DNL AD5624
TEMPERATURE (°C)
8
6
4
2
–6
–4
–2
0
–8
–40
–20
40
20
0
100
80
60
MIN DNL
MAX DNL
MAX INL
MIN INL
VDD = VREF = 5V
Figure 8. INL Error and DNL Error vs. Temperature
VREF (V)
10
4
6
8
2
0
–8
–6
–4
–2
–10
0.75
1.25
1.75
2.25
4.25
3.75
3.25
2.75
4.75
MIN DNL
MAX DNL
MAX INL
MIN INL
VDD = 5V
TA = 25°C
Figure 9. INL and DNL Error vs. VREF


Similar Part No. - AD5624BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624BRMZ-REEL7 AD-AD5624BRMZ-REEL7 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
More results

Similar Description - AD5624BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624_18 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com