Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP662SQ50T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP662SQ50T1
Description  100 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP662SQ50T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP662SQ50T1 Datasheet HTML 1Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 2Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 3Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 4Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 5Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 6Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 7Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 8Page - ON Semiconductor NCP662SQ50T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP662, NCV662, NCP663, NCV663
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Iout = 1.0 mA)
NCP662/NCP663: TA = −40°C to 85°C
NCV662/NCV663: TA = −40°C to 125°C
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.463
1.755
2.438
2.646
2.744
2.940
3.234
4.9
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.538
1.845
2.563
2.754
2.856
3.060
3.366
5.1
V
Output Voltage (TA = −40°C to 85°C, Iout = 100 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.433
1.719
2.388
2.592
2.688
2.880
3.168
4.8
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.568
1.881
2.613
2.808
2.912
3.120
3.432
5.2
V
Line Regulation
1.5 V−4.4 V (Vin = Vo(nom.) + 1.0 V to 6.0 V
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
10
10
20
20
mV
Load Regulation (Iout = 10 mA to 100 mA)
Regload
20
40
mV
Output Current (Vout = (Vout at Iout = 100 mA) −3.0%)
1.5 V to 3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
100
100
280
280
mA
Dropout Voltage (Iout = 100 mA, Measured at Vout −3.0%)
NCP662/NCP663: TA = −40°C to 85°C
NCV662/NCV663: TA = −40°C to 125°C
1.5 V−1.7 V
1.8 V−2.4 V
2.5 V−2.6 V
2.7 V−2.9 V
3.0 V−3.2 V
3.3 V−4.9 V
5.0 V
Vin−Vout
680
500
300
280
250
230
170
950
700
500
500
420
420
300
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
2.5
1.0
6.0
mA
Output Short Circuit Current
1.5 V to 3.9 V (Vin = Vnom + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz, Vout = 3.0 V)
Vn
100
mVrms
Enable Input Threshold Voltage (NCP662/NCV662 ONLY)
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.5
V
Output Voltage Temperature Coefficient
TC
"100
ppm/
°C
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP662SQ50T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP662SQ50T1G ONSEMI-NCP662SQ50T1G Datasheet
157Kb / 9P
   Low-Dropout Voltage Regulator
May, 2013 ??Rev. 3
More results

Similar Description - NCP662SQ50T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com