Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1381 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1381
Description  Low?뭆tandby High Performance PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1381 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1381 Datasheet HTML 4Page - ON Semiconductor NCP1381 Datasheet HTML 5Page - ON Semiconductor NCP1381 Datasheet HTML 6Page - ON Semiconductor NCP1381 Datasheet HTML 7Page - ON Semiconductor NCP1381 Datasheet HTML 8Page - ON Semiconductor NCP1381 Datasheet HTML 9Page - ON Semiconductor NCP1381 Datasheet HTML 10Page - ON Semiconductor NCP1381 Datasheet HTML 11Page - ON Semiconductor NCP1381 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP1381
http://onsemi.com
8
Figure 5. A Typical Startup Sequence Followed by a Faulty Condition
Startup Resistor Calculation
For the sake of the example, we will go through the
calculation of the startup element. Suppose that we have the
following information:
VCCON = 15 V.
VCCOFF = 10 V.
ICC2 = 4 mA, given by the selected MOSFET Qg.
Startup duration below 2 s at minimum input voltage.
Input voltage from 85 VAC to 265 VAC.
Standby power below 500 mW.
1. From a startup
DV of 15 − 10 = 5 V and a 4 mA
total consumption, we can obtain the necessary
VCC capacitor to keep enough voltage, assuming
the feedback loop is closed within 10ms: CVCC =
4 m x 10 m / 5 = 8
mF or 22 mF for the normalized
value if we account for the natural dispersion.
2. If we want a startup below 2 s, then the charging
current flowing inside the VCC capacitor must be
above: Icharge > 15 x 22 u / 2 > 165 mA. If we add
the 15
mA of ICC1, the total startup current shall be
above 180
mA.
3. The minimum input voltage is 85 x 1.414 = 120 V.
Then, Rstartup should be below (120 − 15) / 180 m
< 580 k
W.
4. From this value, we can calculate the dissipated
power at high line: Pstartup = (265 x 1.414)2 / 580 k
= 242 mW.
In latched mode, an internal zener diode is activated and
clamps VCC to around 6 V. When VCC goes below 4 V, this
zener is relaxed and the circuit can startup again.
Please note that in fault mode the VCC comparator has the
priority and stops the pulses anytime VCC falls below its
minimum operating level VCCOFF.


Similar Part No. - NCP1381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1381 ONSEMI-NCP1381 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1381 ONSEMI-NCP1381 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1381DR2G ONSEMI-NCP1381DR2G Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
More results

Similar Description - NCP1381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
   High Performance PWM Controller
05/12/15
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
   High Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com