Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP662SQ27T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP662SQ27T1
Description  100 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP662SQ27T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP662SQ27T1 Datasheet HTML 2Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 3Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 4Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 5Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 6Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 7Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 8Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 9Page - ON Semiconductor NCP662SQ27T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP662, NCV662, NCP663, NCV663
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCP662SQ15T1
1.5
LGY
NCP662SQ15T1G
1.5
LGY
NCP662SQ18T1
1.8
LGZ
NCP662SQ18T1G
1.8
LGZ
NCP662SQ25T1
2.5
LHA
NCP662SQ25T1G
2.5
LHA
NCP662SQ27T1
2.7
LHB
NCP662SQ27T1G
2.7
LHB
SC82 AB
3000 Units/
NCP662SQ28T1
2.8
LHC
SC82−AB
3000 Units/
8
″ Tape & Reel
NCP662SQ28T1G
2.8
LHC
NCP662SQ30T1
3.0
LHD
NCP662SQ30T1G
3.0
LHD
NCP662SQ33T1
3.3
LHE
NCP662SQ33T1G
3.3
LHE
NCP662SQ50T1
5.0
LHF
NCP662SQ50T1G
5.0
LHF
NCP663SQ15T1
1.5
LHG
NCP663SQ15T1G
1.5
LHG
NCP663SQ18T1
1.8
LHH
NCP663SQ18T1G
1.8
LHH
NCP663SQ25T1
2.5
LHI
NCP663SQ25T1G
2.5
LHI
NCP663SQ27T1
2.7
LHJ
NCP663SQ27T1G
2.7
LHJ
SC82−AB
3000 Units/
NCP663SQ28T1
2.8
LHK
SC82−AB
3000 Units/
8
″ Tape & Reel
NCP663SQ28T1G
2.8
LHK
NCP663SQ30T1
3.0
LHL
NCP663SQ30T1G
3.0
LHL
NCP663SQ33T1
3.3
LHM
NCP663SQ33T1G
3.3
LHM
NCP663SQ50T1
5.0
LHN
NCP663SQ50T1G
5.0
LHN
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP662SQ27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP662SQ27T1G ONSEMI-NCP662SQ27T1G Datasheet
157Kb / 9P
   Low-Dropout Voltage Regulator
May, 2013 ??Rev. 3
More results

Similar Description - NCP662SQ27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com