Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1271 Datasheet HTML 1Page - ON Semiconductor NCP1271 Datasheet HTML 2Page - ON Semiconductor NCP1271 Datasheet HTML 3Page - ON Semiconductor NCP1271 Datasheet HTML 4Page - ON Semiconductor NCP1271 Datasheet HTML 5Page - ON Semiconductor NCP1271 Datasheet HTML 6Page - ON Semiconductor NCP1271 Datasheet HTML 7Page - ON Semiconductor NCP1271 Datasheet HTML 8Page - ON Semiconductor NCP1271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP1271
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values, TJ = −40°C to +125°C, VCC = 14 V,
HV = open, skip = open, FB = 2 V, CS = Ground, DRV = 1 nF, unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Oscillation Frequency (65 kHz Version, TJ = 25_C)
Oscillation Frequency (65 kHz Version, TJ = −40 to + 85_C)
Oscillation Frequency (65 kHz Version, TJ = −40 to + 125_C)
Oscillation Frequency (100 kHz Version, TJ = 25_C)
Oscillation Frequency (100 kHz Version, TJ = −40 to +85_C)
Oscillation Frequency (100 kHz Version, TJ = −40 to +125_C)
5
fosc
61.75
58
55
95
89
85
65
65
65
100
100
100
68.25
69
69
105
107
107
kHz
Oscillator Modulation Swing, in Percentage of fosc
5
"7.5
%
Oscillator Modulation Swing Period
5
6.0
ms
Maximum Duty Cycle (VCS = 0 V, VFB = 2.0 V)
5
Dmax
75
80
85
%
GATE DRIVE
Gate Drive Resistance
Output High (VCC = 14 V, Drv = 300 W to Gnd)
Output Low (VCC = 14 V, Drv = 1.0 V)
5
ROH
ROL
6.0
2.0
11
6.0
20
12
W
Rise Time from 10% to 90% (Drv = 1.0 nF to Gnd)
5
tr
30
ns
Fall Time from 90% to 10% (Drv = 1.0 nF to Gnd)
5
tf
20
ns
CURRENT SENSE
Maximum Current Threshold
3
ILimit
0.95
1.0
1.05
V
Soft−Start Duration
tSS
4.0
ms
Soft−Skip Duration
tSK
300
ms
Leading Edge Blanking Duration
3
tLEB
100
180
330
ns
Propagation Delay (Drv =1.0 nF to Gnd)
50
150
ns
Ramp Current Source Peak
3
Iramp(H)
100
mA
Ramp Current Source Valley
3
Iramp(L)
0
mA
SKIP
Default Standby Skip Threshold (Pin 1 = Open)
2
Vskip
1.2
V
Skip Current (Pin 1 = 0 V, TJ = 25_C)
1
Iskip
26
43
56
mA
Skip Level Reset (Note 5)
1
Vskip−reset
5.0
5.7
6.5
V
Transient Load Detection Level to Disable Soft−Skip Mode
2
VTLD
2.6
2.85
3.15
V
EXTERNAL LATCH
Latch Protection Threshold
1
Vlatch
7.1
8.0
8.7
V
Latch Threshold Margin (Vlatch−m = VCC(off) − Vlatch)
1
Vlatch−m
0.6
1.2
V
Noise Filtering Duration
1
13
ms
Propagation Delay (Drv = 1.0 nF to Gnd)
1
Tlatch
100
ns
SHORT−CIRCUIT FAULT PROTECTION
Time for Validating Short−Circuit Fault Condition
2
tprotect
130
ms
5. Please refer to Figure 39 for detailed description.
6. Guaranteed by design.


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com