Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1210BRZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1210BRZ-RL7
Description  Dual-Channel Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1210BRZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1210BRZ-RL7 Datasheet HTML 6Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 7Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 8Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 9Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 10Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 11Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 12Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 13Page - Analog Devices ADUM1210BRZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM1210
Rev. C | Page 10 of 20
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 INSULATION CHARACTERISTICS
This isolator is suitable for reinforced isolation within the safety limit data only. Maintenance of the safety data is ensured by protective
circuits. Note that the asterisk (*) marked on the package denotes DIN V VDE V 0884-10 approval for a 560 V peak working voltage.
Table 7.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
VPR
1050
V peak
Input-to-Output Test Voltage, Method A
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
VPR
After Environmental Tests Subgroup 1
896
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
672
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
4000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure;
see Figure 2
Case Temperature
TS
150
°C
Side 1 Current
IS1
160
mA
Side 2 Current
IS2
170
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
CASE TEMPERATURE (°C)
0
0
200
180
100
80
60
40
20
50
100
150
200
SIDE #1
SIDE #2
120
140
160
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values
on Case Temperature, per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 8.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
2.7
5.5
V
Input Signal Rise and Fall Times
1.0
ms
1 All voltages are relative to their respective ground. See the DC Correctness and
Magnetic Field Immunity section for information on immunity to external
magnetic fields.


Similar Part No. - ADUM1210BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
   Dual-Channel Digital Isolator
Rev. D
More results

Similar Description - ADUM1210BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
   Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
[Old version datasheet]   Dual-Channel Digital Isolator EVM
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
   Dual channel digital isolator evaluation board
Rev 1 - November 2020
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com