Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP662SQ15T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP662SQ15T1
Description  100 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP662SQ15T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP662SQ15T1 Datasheet HTML 1Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 2Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 3Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 4Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 5Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 6Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 7Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 8Page - ON Semiconductor NCP662SQ15T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 1
1
Publication Order Number:
NCP662/D
NCP662, NCV662, NCP663,
NCV663
100 mA CMOS Low Iq
Low−Dropout Voltage
Regulator
This series of fixed output low−dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent current. This series
features an ultra−low quiescent current of 2.5
mA. Each device
contains a voltage reference unit, an error amplifier, a PMOS power
transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits. The NCP662/NCV662 series
provides an enable pin for ON/OFF control.
This series has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the micro−miniature SC82−AB surface mount
package. Standard voltage versions are 1.5, 1.8, 2.5, 2.7, 2.8, 3.0, 3.3,
and 5.0 V.
Features
Low Quiescent Current of 2.5 mA Typical
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Temperature Range for NCV662/NCV663 −40°C to 125°C
Temperature Range for NCP662/NCP663 −40
°C to 85°C
NCP662/NCV662 Provides as Enable Pin
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Automotive Infotainment
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SC82−AB (SC70−4)
SQ SUFFIX
CASE 419C
1
4
PIN CONNECTIONS &
MARKING DIAGRAMS
GND
(NCP662/NCV662 Top View)
1
2
4
3
Vin
Enable
Vout
xxx = Device Code
M
= Date Code
GND 1
2
4
3
Vin
N/C
Vout
(NCP663/NCV663 Top View)
http://onsemi.com
http://onsemi.com


Similar Part No. - NCP662SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP662SQ15T1G ONSEMI-NCP662SQ15T1G Datasheet
157Kb / 9P
   Low-Dropout Voltage Regulator
May, 2013 ??Rev. 3
More results

Similar Description - NCP662SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com