Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7032 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUC7032
Description  MicroConverter Integrated, Precision Battery Sensor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7032 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUC7032 Datasheet HTML 3Page - Analog Devices ADUC7032 Datasheet HTML 4Page - Analog Devices ADUC7032 Datasheet HTML 5Page - Analog Devices ADUC7032 Datasheet HTML 6Page - Analog Devices ADUC7032 Datasheet HTML 7Page - Analog Devices ADUC7032 Datasheet HTML 8Page - Analog Devices ADUC7032 Datasheet HTML 9Page - Analog Devices ADUC7032 Datasheet HTML 10Page - Analog Devices ADUC7032 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Preliminary Technical Data
ADuC7032
Rev. PrD | Page 7 of 128
ADUC7032 DATASHEET FIGURES
Figure 1: ADuC7032 Functional Block Diagram..........................1
Figure 2. SPI Master Mode Timing (PHASE Mode = 1)............15
Figure 3. SPI Master Mode Timing (PHASE Mode = 0)............16
Figure 4. SPI Slave Mode Timing (PHASE Mode = 1)...............17
Figure 5 : SPI Slave Mode Timing (PHASE Mode = 0)..............18
Figure 6 : LIN V1.3 Timing Specification ....................................19
Figure 7 : LIN V2.0 Timing Specification ....................................20
Figure 8 : Package Pin Configuration ...........................................22
Figure 9: ADuC7032 Register Organization................................27
Figure 10: Little Endian Format ....................................................28
Figure 11: ADuC7032 Memory Map...........................................28
Figure 12. Flash/EE Memory Data Retention .............................36
Figure 13: ADuC7032 Kernel Flowchart......................................39
Figure 14: Top Level MMR Map ...................................................40
Figure 15: Current ADC, Top Level Overview............................45
Figure 16 : Voltage/ Temperature ADC, Top Level Overview...46
Figure 17 : Example External Temperature Sensor Circuits......47
Figure 18: Internal Ground Switch Configuration .....................47
Figure 19 : Typical Digital Filter Response at FADC=1.0kHz
(ADCFLT = 0x0007) ..............................................................62
Figure 20 : ModifiedSinc3 Digital Filter Response at
FADC=1.0kHz (ADCFLT = 0x0087)...................................62
Figure 21 : Typical Digital Filter Response at FADC=8KHz,
(ADCFLT = 0x0000) ..............................................................62
Figure 22 : Typical Digital Filter Response at FADC=8KHz,
(ADCFLT = 0x4000) ..............................................................62
Figure 23 Typical Digital Filter Response at FADC=8KHz,
(ADCFLT = 0x961F)..............................................................63
Figure 24 : Typical Digital Filter Response at FADC=4Hz,
(ADCFLT = 0xBF1D) ............................................................63
Figure 25 : Typical Digital Filter Response at FADC=1Hz,
(ADCFLT = 0xBD1F..............................................................63
Figure 26: Typical Power-On Cycle ..............................................67
Figure 27: ADuC7032 System Clock Generation .......................68
Figure 28 : Example OSC0TRM Calibration Routine................72
Figure 29: Interrupt Structure .......................................................76
Figure 30 : Timer 0 block diagram................................................78
Figure 31 : Timer 1 Block Diagram ..............................................80
Figure 32 : Timer 2 block diagram................................................82
Figure 33 : Timer3 Block Diagram ..............................................84
Figure 34 : ADuC7032 GPIO.........................................................86
Figure 35 : High Voltage Interface, Top Level Block Diagram..97
Figure 36 : WU Circuit, Block Diagram ....................................104
Figure 37 : Fractional Divider Baud Rate generation...............106
Figure 38 : LIN I/O, Block Diagram ...........................................115
Figure 39 : LIN Interface Timing ...............................................119
Figure 40 : LIN Break Field..........................................................120
Figure 41 : LIN Synch byte Field .................................................120
Figure 42 : LIN Identifier Byte Field...........................................120
Figure 43 : LIN Data Byte Field...................................................121
Figure 44 : Example LIN Configuration ....................................123
Figure 45 : 48-Lead, Plastic Quad Flat Pack, (LQFP-48),
Dimensions shown in millimeters .....................................128


Similar Part No. - ADUC7032

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7032-8L AD-ADUC7032-8L Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results

Similar Description - ADUC7032

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
logo
NXP Semiconductors
MM912 NXP-MM912 Datasheet
6Mb / 396P
   Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com