Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP600 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP600
Description  High Performance Low-Power, LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP600 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP600 Datasheet HTML 1Page - ON Semiconductor NCP600 Datasheet HTML 2Page - ON Semiconductor NCP600 Datasheet HTML 3Page - ON Semiconductor NCP600 Datasheet HTML 4Page - ON Semiconductor NCP600 Datasheet HTML 5Page - ON Semiconductor NCP600 Datasheet HTML 6Page - ON Semiconductor NCP600 Datasheet HTML 7Page - ON Semiconductor NCP600 Datasheet HTML 8Page - ON Semiconductor NCP600 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 3
1
Publication Order Number:
NCP600/D
NCP600
High Performance
Low−Power, LDO Regulator
with Enable
The NCP600 provides 150 mA of output current at fixed voltage
options, or an adjustable output voltage from 5.0 V down to 1.250 V. It
is designed for portable battery powered applications and offers high
performance features such as low power operation, fast enable
response time, and low dropout.
The device is designed to be used with low cost ceramic capacitors
and is packaged in the TSOP−5/SOT23−5.
Features
Output Voltage Options:
Adjustable, 1.5 V, 1.8 V, 2.8 V, 3.0 V, 3.3 V, 5.0 V
Ultra−Low Dropout Voltage of 150 mV at 150 mA
Adjustable Output by External Resistors from 5.0 V down to 1.250 V
Fast Enable Turn−on Time of 15 ms
Wide Supply Voltage Range Operating Range
Excellent Line and Load Regulation
High Accuracy up to 1.5% Output Voltage Tolerance over All
Operating Conditions
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
Pb−Free Package is Available
Typical Applications
SMPS Post−Regulation
Hand−held Instrumentation
Noise Sensitive Circuits – VCO, RF Stages, etc.
Camcorders and Cameras
Figure 1. Simplified Block Diagram
Driver w/
Current Limit
Thermal
Shutdown
+
ENABLE
VOUT
ADJ
GND
VIN
+
1.25 V
Fixed Voltage Only
Adjustable Version Only
PIN CONNECTIONS
1
3
ADJ/NC*
Vin
2
GND
ENABLE
4
Vout
5
(Top View)
MARKING DIAGRAM
http://onsemi.com
1
5
1
5
xxx AYW
G
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
TSOP−5
SN SUFFIX
CASE 483
* ADJ − Adjustable Version
* NC − Fixed Voltage Version
See detailed ordering and shipping information in the
package dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NCP600

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP600 ONSEMI-NCP600 Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
More results

Similar Description - NCP600

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com