Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP400 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP400
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP400 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP400 Datasheet HTML 6Page - ON Semiconductor NCP400 Datasheet HTML 7Page - ON Semiconductor NCP400 Datasheet HTML 8Page - ON Semiconductor NCP400 Datasheet HTML 9Page - ON Semiconductor NCP400 Datasheet HTML 10Page - ON Semiconductor NCP400 Datasheet HTML 11Page - ON Semiconductor NCP400 Datasheet HTML 12Page - ON Semiconductor NCP400 Datasheet HTML 13Page - ON Semiconductor NCP400 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP400
http://onsemi.com
11
APPLICATION INFORMATION
Low Dropout Voltage Regulator
−Input Decoupling
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP400
package. Higher values and lower ESR will improve the
overall line transient response.
−Output Decoupling
The NCP400 is a stable Regulator and does not require
any specific Equivalent Series Resistance (ESR) or a
minimum output current. Capacitors exhibiting ESRs
ranging from a few m
W up to 10 W can thus safely be used.
The minimum decoupling value is 1.0
mF and can be
augmented to fulfill stringent load transient requirements.
The regulator accepts ceramic chip capacitors as well as
tantalum devices. Larger values improve noise rejection and
load regulation transient response. Figure 25 shows the
stable area of the regulator with different output capacitor
ESR and output current.
Figure 25. Output Capacitor versus Output Current
IO, OUTPUT CURRENT (mA)
0.01
0.1
1
10
100
0
25
50
75
100
125
150
Cout = 1 mF TO 10 mF
TA = 25°C to 125°C
Vin = up to 5.5 V
UNSTABLE
UNSTABLE
STABLE
−Thermal Protection
Internal thermal shutdown circuit is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When the thermal protection
activated, higher than 150
°C, the regulator turns off. This
feature is provided to prevent failures from accidental
overheating.
−Hints
Please be sure the Vin and GND lines are sufficiently
wide. When the impedance of these lines is high, there is a
chance to pick up noise or cause the regulator to
malfunction. Set external components, especially the output
capacitor, as close as possible to the circuit, and make leads
a short as possible.
Voltage Detector
The voltage detector has built−in hysteresis to prevent
erratic reset operation. This device is specifically designed
for use as reset controllers in portable microprocessor based
systems, it can offer a cost−effective solution in numerous
applications where precise voltage monitoring and time
delay are required. Figures 26 through 27 shows various
application examples.


Similar Part No. - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP402045MNTWG ONSEMI-NCP402045MNTWG Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060AMNTXG ONSEMI-NCP4060AMNTXG Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results

Similar Description - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com