Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5360 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 5 Page - Analog Devices

  AD5360 Datasheet HTML 1Page - Analog Devices AD5360 Datasheet HTML 2Page - Analog Devices AD5360 Datasheet HTML 3Page - Analog Devices AD5360 Datasheet HTML 4Page - Analog Devices AD5360 Datasheet HTML 5Page - Analog Devices AD5360 Datasheet HTML 6Page - Analog Devices AD5360 Datasheet HTML 7Page - Analog Devices AD5360 Datasheet HTML 8Page - Analog Devices AD5360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Preliminary Technical Data
AD5360/AD5361
Rev. P
rF | Page 5 of 25
Parameter
B Version1
Unit
Test Conditions/Comments1
TEMPERATURE SENSOR (TMP_OUT)
Accuracy
±1
°C
@25 °C
±5
°C max
-40 °C < T < +85°C
Output Voltage at 25 °C
1.5
V typ
Output Voltage Scale Factor
5
mV/°C typ
Output Voltage Range
0/3
V min/max
Output Load Current
200
µA max
Current source only.
Power On Time
10
ms typ
To within ±5 °C
POWER REQUIREMENTS
DVCC
2.3/5.5
V min/max
VDD
8/16.5
V min/max
VSS
−4.5/−16.5
V min/max
Power Supply Sensitivity1
∆ Full Scale/∆ VDD
−75
dB typ
∆ Full Scale/∆ VSS
−75
dB typ
∆ Full Scale/∆ VCC
−90
dB typ
DICC
2
mA max
VCC = 5.5 V, VIH = VCC, VIL = GND.
IDD
7
mA max
Outputs unloaded.
ISS
7
mA max
Outputs unloaded.
Power Dissipation
Power Dissipation Unloaded (P)
173
mW
VSS = -12 V, VDD = +12 V, DVCC = 2.5 V
Junction Temperature
130
°C max
TJ = TA + PTOTAL × θJ3
1 Temperature range for B Version: -40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization, not production tested.
3 Where θJ represents the package thermal impedance.
4. Specifications are guaranteed for a 5V reference only.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF = 5 V; AGND = DGND = SIGGND = 0 V; RL = 10 kΩ to GND; CL = 200 pF to GND;
Gain (m), Offset(c) and DAC Offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3. AC Characteristics
Parameter
B Version1,2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
TBD
µs typ
Full-scale change
30
µs max
DAC latch contents alternately loaded with all 0s and all 1s.
Slew Rate
1
V/µs typ
Digital-to-Analog Glitch Energy
20
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
DAC-to-DAC Crosstalk
40
nV-s typ
Between DACs inside a group.
10
nV-s typ
Between DACs from different groups.
Digital Crosstalk
0.1
nV-s typ
Digital Feedthrough
1
nV-s typ
Effect of input bus activity on DAC output under test.
Output Noise Spectral Density @ 10 kHz
250
nV/(Hz)1/2 typ
VREF = 0 V.
1 Temperature range for B Version: -40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360BCPZ-REEL71 AD-AD5360BCPZ-REEL71 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BCPZ1 AD-AD5360BCPZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ-REEL1 AD-AD5360BSTZ-REEL1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ1 AD-AD5360BSTZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Similar Description - AD5360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com