Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV716MMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MMX
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV716MMX Datasheet HTML 1Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 2Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 3Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 4Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 5Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 6Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 7Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMV716
5 MHz, Low Noise, RRO, Dual Operational Amplifier with
CMOS Input
General Description
The LMV716 is a dual operational amplifier with both low
supply voltage and low supply current, making it ideal for
portable applications. The LMV716 CMOS input stage drives
the I
BIAS current down to 0.6 pA; this coupled with the low
noise voltage of 12.8 nV/
makes the LMV716 perfect
for applications requiring active filters, transimpedance am-
plifiers, and HDD vibration cancellation circuitry.
Along with great noise sensitivity, small signal applications
will benefit from the large gain bandwidth of 5 MHz coupled
with the minimal supply current of 1.6 mA and a slew rate of
5.8 V/µs.
The LMV716 provides rail-to-rail output swing into heavy
loads. The input common-mode voltage range includes
ground, which is ideal for ground sensing applications.
The LMV716 has a supply voltage spanning 2.7V to 5V and
is offered in an 8-pin MSOP package that functions across
the wide temperature range of −40˚C to 85˚C. This small
package makes it possible to place the LMV716 next to
sensors, thus reducing external noise pickup.
Features
(Typical values, V
+ = 3.3V, T
A = 25˚C, unless otherwise
specified)
n
Input noise voltage
12.8 nV/
n
Input bias current
0.6 pA
n
Offset voltage
1.6 mV
n
CMRR
80 dB
n
Open loop gain
122 dB
n
Rail-to-rail output
n
GBW
5 MHz
n
Slew rate
5.8 V/µs
n
Supply current
1.6 mA
n
Supply voltage range
2.7V to 5V
n
Operating temperature
−40˚C to 85˚C
n
8-pin MSOP package
Applications
n
Active filters
n
Transimpedance amplifiers
n
Audio preamp
n
HDD vibration cancellation circuitry
Typical Application Circuit
20179539
High Gain Band Pass Filter
September 2006
© 2006 National Semiconductor Corporation
DS201795
www.national.com


Similar Part No. - LMV716MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV716MMX/NOPB TI1-LMV716MMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
More results

Similar Description - LMV716MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
[Old version datasheet]   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI-LMV716_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
logo
Texas Instruments
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
[Old version datasheet]   LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com