Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS90LV028AH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS90LV028AH
Description  High Temperature 3V LVDS Dual Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 1 page
background image
DS90LV028AH
High Temperature 3V LVDS Dual Differential Line
Receiver
General Description
The DS90LV028AH is a dual CMOS differential line receiver
designed for applications requiring ultra low power dissipa-
tion, low noise and high data rates. The device is designed to
support data rates in excess of 400 Mbps (200 MHz) utilizing
Low Voltage Differential Signaling (LVDS) technology.
The DS90LV028AH accepts low voltage (350 mV typical)
differential input signals and translates them to 3V CMOS
output levels. The DS90LV028AH has a flow-through design
for easy PCB layout.
The DS90LV028AH and companion LVDS line driver
DS90LV027AH provide a new alternative to high power
PECL/ECL devices for high speed point-to-point interface
applications.
Features
n
-40˚C to +125˚C operating temperature range
n >
400 Mbps (200 MHz) switching rates
n
50 ps differential skew (typical)
n
0.1 ns channel-to-channel skew (typical)
n
2.5 ns maximum propagation delay
n
3.3V power supply design
n
Flow-through pinout
n
Power down high impedance on LVDS inputs
n
Low Power design (18mW @ 3.3V static)
n
LVDS inputs accept LVDS/CML/LVPECL signals
n
Conforms to ANSI/TIA/EIA-644 Standard
n
Available in SOIC package
Connection Diagram
SOIC
20162901
Order Number DS90LV028AHM
See NS Package Number M08A
Functional Diagram
20162902
Truth Table
INPUTS
OUTPUT
[R
IN+]−[RIN−]
R
OUT
V
ID
≥ 0.1V
H
V
ID
≤ −0.1V
L
September 2005
© 2005 National Semiconductor Corporation
DS201629
www.national.com




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB4N527S3.3V 2.5Gb/s Dual AnyLevel™ to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
ADA4922-1High Voltage Differential 18-Bit ADC Driver 1 2 3 4 5 MoreAnalog Devices
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
MC100E2105V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
ADT7483ADual Channel Temperature Sensor and Over Temperature Alarm 1 2 3 4 5 MoreAnalog Devices
DP83849IFPHYTER® DUAL Industrial Temperature with Fiber Support FX an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver 1 2 3 4 5 MoreNational Semiconductor (TI)
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
MAX66392-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl